Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4011YMA-200 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ4011YMA-200
Description  32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4011YMA-200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ4011YMA-200 Datasheet HTML 3Page - Texas Instruments BQ4011YMA-200 Datasheet HTML 4Page - Texas Instruments BQ4011YMA-200 Datasheet HTML 5Page - Texas Instruments BQ4011YMA-200 Datasheet HTML 6Page - Texas Instruments BQ4011YMA-200 Datasheet HTML 7Page - Texas Instruments BQ4011YMA-200 Datasheet HTML 8Page - Texas Instruments BQ4011YMA-200 Datasheet HTML 9Page - Texas Instruments BQ4011YMA-200 Datasheet HTML 10Page - Texas Instruments BQ4011YMA-200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
Previous Data Valid
Data Valid
Address
DOUT
tRC
tAA
tOH
High−Z
High−Z
CE
DOUT
tRC
tACE
tCLZ
tCHZ
bq4011/Y/LY
SLUS118A – MAY 1999 – REVISED MAY 2007
Table 2. READ CYCLE (TA = TOPR, VCC(min)≤ VCC≤ VCC(max))
-70
-100
-150
-200
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Read cycle time
70
100
150
200
tAA
Address access time
70
100
150
200
tACE
Chip enable access time
Output load A
70
100
150
200
tOE
Output enable to output valid
35
50
70
90
tCLZ
Chip enable to output in low Z
5
5
5
5
ns
tOLZ
Output enable to output in low Z
0
0
0
0
Output load B
tCHZ
Chip disable to output in high Z
0
25
0
25
0
25
0
25
tOHZ
Output disable to output in high Z
0
25
0
25
0
25
0
25
tOH
Output hold from address change
Output load A
10
10
10
10
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = OE = VIL.
Figure 5. Read Cycle No. 1 (Address Access) (1)(2)
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = OE = VIL.
(3)
Address is valid prior to or coincident with CE transition low.
Figure 6. Read Cycle No. 2 (CE Access) (1)(2)(3)
7
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - BQ4011YMA-200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011YMA-200 TI-BQ4011YMA-200 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
BQ4011YMA-200N TI-BQ4011YMA-200N Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4011YMA-200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
Cypress Semiconductor
CY14E256LA CYPRESS-CY14E256LA_11 Datasheet
730Kb / 19P
   256-Kbit (32 K 횞 8) Nonvolatile SRAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
STMicroelectronics
M48T35AV STMICROELECTRONICS-M48T35AV_11 Datasheet
498Kb / 29P
   3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 9
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com