Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4010YMA-150N Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ4010YMA-150N
Description  8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4010YMA-150N Datasheet(HTML) 1 Page - Texas Instruments

  BQ4010YMA-150N Datasheet HTML 1Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 2Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 3Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 4Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 5Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 6Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 7Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 8Page - Texas Instruments BQ4010YMA-150N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
GENERAL DESCRIPTION
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
WE
NC
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
28−Pin DIP Module
(TOP VIEW)
bq4010/Y/LY
SLUS116A – MAY 1999 – REVISED JUNE 2007
8 k
× 8 NONVOLATILE SRAM (5 V, 3.3 V)
• Data Retention for at least 10 Years Without
The CMOS bq4010/Y/LY is a nonvolatile 65,536-bit
Power
static RAM organized as 8,192 words by 8 bits. The
integral control circuitry and lithium energy source
• Automatic Write-Protection During
provide
reliable
nonvolatility
coupled
with
the
Power-up/Power-down Cycles
unlimited write cycles of standard SRAM.
• Conventional SRAM Operation, Including
The control circuitry constantly monitors the single
Unlimited Write Cycles
supply for an out-of-tolerance condition. When VCC
• Internal Isolation of Battery before Power
falls out of tolerance, the SRAM is unconditionally
Application
write-protected
to
prevent
an
inadvertent
write
• 5-V or 3.3-V Operation
operation.
• Industry Standard 28-Pin DIP Pinout
At this time the integral energy source is switched on
to sustain the memory until after VCC returns valid.
The
bq4010/Y/LY
uses
extremely
low
standby
current CMOS SRAMs, coupled with small lithium
coin cells to provide nonvolatility without long
write-cycle times and the write-cycle limitations
associated with EEPROM.
The bq4010/Y/LY requires no external circuitry and is
compatible with the industry-standard 64-Kb SRAM
pinout.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For New Designs


Similar Part No. - BQ4010YMA-150N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010YMA-150N TI-BQ4010YMA-150N Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
BQ4010YMA-150N TI-BQ4010YMA-150N Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4010YMA-150N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013 TI1-BQ4013_14 Datasheet
336Kb / 15P
[Old version datasheet]   128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
STMicroelectronics
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
logo
Cypress Semiconductor
CY14E256LA CYPRESS-CY14E256LA_11 Datasheet
730Kb / 19P
   256-Kbit (32 K 횞 8) Nonvolatile SRAM
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_11 Datasheet
311Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com