Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4013MA-85 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ4013MA-85
Description  128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4013MA-85 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ4013MA-85 Datasheet HTML 3Page - Texas Instruments BQ4013MA-85 Datasheet HTML 4Page - Texas Instruments BQ4013MA-85 Datasheet HTML 5Page - Texas Instruments BQ4013MA-85 Datasheet HTML 6Page - Texas Instruments BQ4013MA-85 Datasheet HTML 7Page - Texas Instruments BQ4013MA-85 Datasheet HTML 8Page - Texas Instruments BQ4013MA-85 Datasheet HTML 9Page - Texas Instruments BQ4013MA-85 Datasheet HTML 10Page - Texas Instruments BQ4013MA-85 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
Previous Data Valid
Data Valid
Address
DOUT
tRC
tAA
tOH
High−Z
High−Z
CE
DOUT
tRC
tACE
tCLZ
tCHZ
bq4013/Y/LY
SLUS121A – MAY 1999 – REVISED MAY 2007
Table 2. READ CYCLE (TA = TOPR, VCC(min)≤ VCC≤ VCC(max))
-70
-85
-120
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Read cycle time
70
85
120
tAA
Address access time
70
85
120
tACE
Chip enable access time
Output load A
70
85
120
tOE
Output enable to output valid
35
45
60
tCLZ
Chip enable to output in low Z
5
5
5
ns
tOLZ
Output enable to output in low Z
0
0
0
Output load B
tCHZ
Chip disable to output in high Z
0
25
0
35
0
45
tOHZ
Output disable to output in high Z
0
25
0
25
0
35
tOH
Output hold from address change
Output load A
10
10
10
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = OE = VIL.
Figure 5. Read Cycle No. 1 (Address Access) (1)(2)
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = OE = VIL.
(3)
Address is valid prior to or coincident with CE transition low.
Figure 6. Read Cycle No. 2 (CE Access) (1)(2)(3)
7
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - BQ4013MA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013MA-85 TI-BQ4013MA-85 Datasheet
473Kb / 14P
[Old version datasheet]   128Kx8 Nonvolatile SRAM
BQ4013MA-85 TI-BQ4013MA-85 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4013MA-85

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
Cypress Semiconductor
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com