Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29412DCTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29412DCTR
Description  VOLTAGE PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29412DCTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ29412DCTR Datasheet HTML 2Page - Texas Instruments BQ29412DCTR Datasheet HTML 3Page - Texas Instruments BQ29412DCTR Datasheet HTML 4Page - Texas Instruments BQ29412DCTR Datasheet HTML 5Page - Texas Instruments BQ29412DCTR Datasheet HTML 6Page - Texas Instruments BQ29412DCTR Datasheet HTML 7Page - Texas Instruments BQ29412DCTR Datasheet HTML 8Page - Texas Instruments BQ29412DCTR Datasheet HTML 9Page - Texas Instruments BQ29412DCTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1
2
6
5
8
1
2
6
5
8
1
2
6
5
8
3
4
8
8
7
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
2
2
4
2
2
3
2
2
2
1
1
1
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
6
5
8
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
6
5
8
GND
VC4
OUT
VC1
VC2
VC3
VDD
CD
6
5
8
8
8
7
V(PROTECT)
Cell Voltage
(VCn - VC(n-1),
VC4 - GND)
CD
OUT
1.2 V
tDELAY
V(PROTECT) - Vhys
td = (1.2 V x CDELAY)/ICD
Not Recommended for New Designs
bq29410, bq29411, bq29412
bq29413, bq29414
bq29415, bq29419
SLUS669G – AUGUST 2005 – REVISED AUGUST 2008
www.ti.com
Figure 2. Timing for Overvoltage Sensing
APPLICATION INFORMATION
BATTERY CONNECTIONS
The following diagrams show the DCT package device in different cell configurations.
Figure 3. 4-Series Cell Configuration
Figure 4. 3-Series Cell Configuration
(Connect together VC1 and VC2)
6
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Links: bq29410 bq29411 bq29412 bq29413 bq29414 bq29415 bq29419


Similar Part No. - BQ29412DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29412DCTR TI-BQ29412DCTR Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29412DCTR TI-BQ29412DCTR Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29412DCTRG4 TI-BQ29412DCTRG4 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29412DCTRG4 TI-BQ29412DCTRG4 Datasheet
158Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
More results

Similar Description - BQ29412DCTR

ManufacturerPart #DatasheetDescription
logo
celduc-relais
ESO01000 CELDUC-ESO01000 Datasheet
866Kb / 4P
   VOLTAGE PROTECTION VOLTAGE PROTECTION
logo
Texas Instruments
BQ29440 TI1-BQ29440_13 Datasheet
1Mb / 17P
[Old version datasheet]   Voltage Protection
BQ29400 TI1-BQ29400_16 Datasheet
1Mb / 16P
[Old version datasheet]   VOLTAGE PROTECTION
logo
IXYS Corporation
IXBOD1-25R IXYS-IXBOD1-25R Datasheet
258Kb / 8P
   Transient voltage protection
logo
Megawin Technology Co.,...
MG39133AH MEGAWIN-MG39133AH Datasheet
257Kb / 11P
   Over voltage protection
MG39134AH MEGAWIN-MG39134AH Datasheet
259Kb / 11P
   Over voltage protection
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
List of Unclassifed Man...
ENP2220A ETC2-ENP2220A Datasheet
283Kb / 2P
   Over Voltage Protection
ENP2224B ETC2-ENP2224B Datasheet
215Kb / 2P
   Over Voltage Protection
ENP-2320 ETC2-ENP-2320 Datasheet
251Kb / 2P
   Over Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com