Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4013LYMA-70 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ4013LYMA-70
Description  128 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ4013LYMA-70 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ4013LYMA-70 Datasheet HTML 4Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 5Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 6Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 7Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 8Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 9Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 10Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 11Page - Texas Instruments BQ4013LYMA-70 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ti.com
High−Z
Address
Data Valid
High−Z
OE
DOUT
tRC
tOE
tOLZ
tAA
tOHZ
bq4013/Y/LY
SLUS121A – MAY 1999 – REVISED MAY 2007
(1)
WE is held high for a read cycle.
(2)
Device is continuously selected: CE = VIL.
Figure 7. Read Cycle No. 3 (OE Access) (1)(2)
8
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - BQ4013LYMA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4013LYMA-70N TI-BQ4013LYMA-70N Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
More results

Similar Description - BQ4013LYMA-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4010 TI1-BQ4010_14 Datasheet
354Kb / 16P
[Old version datasheet]   8 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4011 TI1-BQ4011_14 Datasheet
353Kb / 16P
[Old version datasheet]   32 k 쨈 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4013 TI-BQ4013_07 Datasheet
164Kb / 15P
[Old version datasheet]   128 k X 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4010 TI-BQ4010_07 Datasheet
178Kb / 18P
[Old version datasheet]   8 k x 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015 TI1-BQ4015_14 Datasheet
359Kb / 15P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
BQ4015LYMA-70N TI1-BQ4015LYMA-70N Datasheet
345Kb / 16P
[Old version datasheet]   512 k 횞 8 NONVOLATILE SRAM (5 V, 3.3 V)
logo
Cypress Semiconductor
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
M48Z512BV STMICROELECTRONICS-M48Z512BV Datasheet
195Kb / 20P
   3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com