Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ3285LDSSTRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ3285LDSSTRG4
Description  Real-Time Clock (RTC)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3285LDSSTRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ3285LDSSTRG4 Datasheet HTML 3Page - Texas Instruments BQ3285LDSSTRG4 Datasheet HTML 4Page - Texas Instruments BQ3285LDSSTRG4 Datasheet HTML 5Page - Texas Instruments BQ3285LDSSTRG4 Datasheet HTML 6Page - Texas Instruments BQ3285LDSSTRG4 Datasheet HTML 7Page - Texas Instruments BQ3285LDSSTRG4 Datasheet HTML 8Page - Texas Instruments BQ3285LDSSTRG4 Datasheet HTML 9Page - Texas Instruments BQ3285LDSSTRG4 Datasheet HTML 10Page - Texas Instruments BQ3285LDSSTRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Periodic Interrupt
If the periodic interrupt event is enabled by writing a 1
to the periodic interrupt enable bit (PIE) in register C,
an interrupt request is generated once every 122
µsto
500ms. The period between interrupts is selected with
bits RS3-RS0 in register A (see Table 3).
Alarm Interrupt
The alarm interrupt is active in battery-backup mode,
providing a “wake-up” capability. During each update
cycle, the RTC compares the day-of-the-month, hours,
minutes, and seconds bytes with the four corresponding
alarm bytes. If a match of all bytes is found, the alarm
interrupt event flag bit, AF in register C, is set to 1. If
the alarm event is enabled, an interrupt request is gen-
erated.
An alarm byte may be removed from the comparison by
setting it to a “don't care” state. The seconds, minutes,
and hours alarm bytes are set to a “don't care” state by
writinga1toeachofits two most-significant bits. The
day-of-the-month alarm byte is set to a “don’t care” state
by setting DA5–DA0, in register D, to all zeros. A “don't
care” state may be used to select the frequency of alarm
interrupt events as follows:
n
If none of the four alarm bytes is “don't care,” the
frequency is once per month, when day-of-the-month,
hours, minutes, and seconds match.
n
If only the day-of-the-month alarm byte is “don’t
care”, the frequency is once per day, when hours,
minutes, and seconds match.
n
If only the day-of-the-month and hour alarm byte is
“don't care,” the frequency is once per hour, when
minutes and seconds match.
n
If only the day-of-the-month, hour and minute alarm
bytes are “don't care,” the frequency is once per
minute, when seconds match.
n
If the day-of-the-month, hour, minute, and second
alarm bytes are “don't care,” the frequency is once
per second.
Update Cycle Interrupt
The update cycle ended flag bit (UF) in register C is set to
a 1 at the end of an update cycle. If the update interrupt
enable bit (UIE) of register B is 1, and the update transfer
inhibit bit (UTI) in register B is 0, then an interrupt re-
quest is generated at the end of each update cycle.
Accessing RTC bytes
The EXTRAM pin must be low to access the RTC regis-
ters. Time and calendar bytes read during an update
cycle may be in error. Three methods to access the time
and calendar bytes without ambiguity are:
n
Enable the update interrupt event to generate
interrupt requests at the end of the update cycle.
The interrupt handler has a maximum of 999ms to
access the clock bytes before the next update cycle
begins (see Figure 3).
n
Poll the update-in-progress bit (UIP) in register A. If
UIP = 0, the polling routine has a minimum of tBUC
time to access the clock bytes (see Figure 3).
n
Use
the
periodic
interrupt
event
to
generate
interrupt requests every tPI time, such that UIP = 1
always occurs between the periodic interrupts. The
interrupt handler has a minimum of
tPI/2+tBUC
time to access the clock bytes (see Figure 3).
Oscillator Control
When power is first applied to the bq3285ED/LD and
VCC is above VPFD, the internal oscillator and frequency
divider are turned on by writing a 010 pattern to bits 4
through 6 of register A. A pattern of 11X turns the os-
cillator on but keeps the frequency divider disabled. Any
7
bq3285ED/LD
1 Sec.
T3285L02.eps
tUC
tBUC
UIP
(tPl)/2
(tPl)/2
tPl
PF
UF
Figure 3. Update-Ended/Periodic Interrupt Relationship
July 1997


Similar Part No. - BQ3285LDSSTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285LDSSTR TI-BQ3285LDSSTR Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
More results

Similar Description - BQ3285LDSSTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com