Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9238 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9238
Description  12-Bit, 20/40/65 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9238 Datasheet(HTML) 4 Page - Analog Devices

  AD9238 Datasheet HTML 1Page - Analog Devices AD9238 Datasheet HTML 2Page - Analog Devices AD9238 Datasheet HTML 3Page - Analog Devices AD9238 Datasheet HTML 4Page - Analog Devices AD9238 Datasheet HTML 5Page - Analog Devices AD9238 Datasheet HTML 6Page - Analog Devices AD9238 Datasheet HTML 7Page - Analog Devices AD9238 Datasheet HTML 8Page - Analog Devices AD9238 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
–4–
AD9238
AC SPECIFICATIONS
Test
AD9238BST-20
AD9238BST-40
AD9238BST-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min Typ
Max
Unit
SIGNAL-TO-NOISE RATIO
fINPUT
ff
= 2.4 MHz
25°C
V
70.4
70.4
70.3
dBc
fINPUT
ff
= 9.7 MHz
Full
V
70.2
dBc
25°C
IV
69.7
70.4
dBc
fINPUT
ff
= 19.6 MHz
Full
V
70.1
dBc
25°C
IV
69.7
70.3
dBc
fINPUT
ff
= 32.5 MHz
Full
V
69.3
dBc
25°C
IV
68.7 69.5
dBc
fINPUT
ff
= 100 MHz
25°C
V
68.7
68.3
67.6
dBc
SIGNAL-TO-NOISE AND
DISTORTION RATIO
fINPUT
ff
= 2.4 MHz
25°C
V
70.2
70.2
70.1
dBc
fINPUT
ff
= 9.7 MHz
Full
V
70.1
dBc
25°C
IV
69.3
70.2
dBc
fINPUT
ff
= 19.6 MHz
Full
V
69.9
dBc
25°C
IV
69.4
70.1
dBc
fINPUT
ff
= 32.5 MHz
Full
V
68.9
dBc
25°C
IV
68.1 69.1
dBc
fINPUT
ff
= 100 MHz
25°C
V
67.9
67.9
66.6
dBc
TOTAL HARMONIC
DISTORTION
fINPUT
ff
= 2.4 MHz
25°C
V
–83.0
–83.0
–83.0
dBc
fINPUT
ff
= 9.7 MHz
Full
V
–81.0
dBc
25°C
I
–83.0
–74.6
dBc
fINPUT
ff
= 19.6 MHz
Full
V
–81.0
dBc
25°C
I
–83.0 –75.5
dBc
fINPUT
ff
= 32.5 MHz
Full
V
–78.0
dBc
25°C
I
–80.0
–71.7 dBc
fINPUT
ff
= 100 MHz
25°C
V
–77.0
–79.0
–74.0
dBc
WORST HARMONIC
(2nd or 3rd)
fINPUT
ff
= 9.7 MHz
Full
V
–84.0
dBc
fINPUT
ff
= 19.6 MHz
Full
V
–85.0
dBc
fINPUT
ff
= 32.5 MHz
Full
V
–80.0
dBc
SPURIOUS FREE
DYNAMIC RANGE
fINPUT
ff
= 2.4 MHz
25°C
V
86.0
86.0
86.0
dBc
fINPUT
ff
= 9.7 MHz
Full
V
84.0
dBc
25°C
I
76.1
86.0
dBc
fINPUT
ff
= 19.6 MHz
Full
V
85.0
dBc
25°C
I
76.7
86.0
dBc
fINPUT
ff
= 32.5 MHz
Full
V
80.0
dBc
25°C
I
72.5 83.0
dBc
fINPUT
ff
= 100 MHz
25°C
V
79.0
81.0
75.0
dBc
CROSSTALK
Full
V
–80
–80
–80
dB
Specifications subject to change without notice.
(AVDD = 3 V, DRVDD = 2.5 V, Maximum Sample Rate, CLK_A = CLK_B; AIN = –0.5 dBFS Differential Input,
1.0 V Internal Reference, TMIN to TMAX, unless otherwise noted.)
���
���
���
���
���
���
���
���
���
������
�����
�����
����
���
���
���
���
���
���
���
���
���
���
�����������
���������
�����
Figure 1. Timing Diagram
REV. A


Similar Part No. - AD9238

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238 AD-AD9238 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238 AD-AD9238 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9238BCP-20EB AD-AD9238BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9238BCP-40EB AD-AD9238BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9238BCP-65EB AD-AD9238BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9238

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com