Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ35100 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ35100
Description  Lithium Primary Battery Fuel Gauge
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ35100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ35100 Datasheet HTML 3Page - Texas Instruments BQ35100 Datasheet HTML 4Page - Texas Instruments BQ35100 Datasheet HTML 5Page - Texas Instruments BQ35100 Datasheet HTML 6Page - Texas Instruments BQ35100 Datasheet HTML 7Page - Texas Instruments BQ35100 Datasheet HTML 8Page - Texas Instruments BQ35100 Datasheet HTML 9Page - Texas Instruments BQ35100 Datasheet HTML 10Page - Texas Instruments BQ35100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
tSU(STA)
SCL
SDA
tw(H)
tw(L)
tf
tr
t(BUF)
tr
td(STA)
REPEATED
START
th(DAT)
tsu(DAT)
tf
tsu(STOP)
STOP
START
7
bq35100
www.ti.com
SLUSCM6A – JUNE 2016 – REVISED JULY 2016
Product Folder Links: bq35100
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: ADC (Temperature and Voltage Measurements) (continued)
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Specified by design. Not tested in production.
tSR_CONV
Conversion time
Single conversion
125
ms
Resolution
14
15
bits
VOS(SR)
Input offset
10
µV
ZADC1
Effective input
resistance(TS)(1)
8
ZADC2
Effective input
resistance(BAT)(1)
When not measuring
8
During measurement
100
ILKG(ADC)
Input leakage
current(1)
0.3
µA
6.12 Electrical Characteristics: Data Flash Memory
TA = –40°C to 85°C, 2.4 V < REG25 < 2.6 V; Typical Values at TA = 25°C and REG25 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDR
Data retention(1)
10
Years
Flash –programming write cycles
20,000
Cycles
tWORDPROG
Word programming time
2
ms
ICCPROG
Flash-write supply current
5
10
mA
6.13 Electrical Characteristics: I
2C-Compatible Interface Timing Characteristics
TA = –40°C to 85°C, 2.45 V < VREGIN = VBAT < 5.5 V; Typical Values at TA = 25°C and VBAT = 3.6 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
tR
SCL/SDA rise time
300
ns
tF
SCL/SDA fall time
300
ns
tW(H)
SCL pulse width (high)
600
ns
tW(L)
SCL pulse width (low)
1.3
µs
tSU(STA)
Setup for repeated start
600
ns
td(STA)
Start to first falling edge of SCL
600
ns
tSU(DAT)
Data setup time
100
ns
th(DAT)
Data hold time
0
ns
tSU(STOP)
Setup time for stop
600
ns
tBUF
Bus free time between stop and start
66
µs
fSCL
Clock frequency
400
kHz
Figure 1. I2C-Compatible Interface Timing Diagrams


Similar Part No. - BQ35100

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ35211EEC60 SYNQOR-BQ35211EEC60 Datasheet
2Mb / 11P
   Extended Eighth-brick package
BQ35211EEC60xyz-G SYNQOR-BQ35211EEC60xyz-G Datasheet
2Mb / 11P
   Extended Eighth-brick package
More results

Similar Description - BQ35100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
saftbatteries
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
   Primary lithium battery system
BA5372 SAFT-BA5372 Datasheet
424Kb / 2P
   Primary lithium battery system
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
   Primary lithium battery system
BA5380 SAFT-BA5380 Datasheet
513Kb / 2P
   Primary lithium battery system
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com