Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ34Z100PWR-G1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ34Z100PWR-G1
Description  Wide Range Fuel Gauge
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ34Z100PWR-G1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ34Z100PWR-G1 Datasheet HTML 4Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 5Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 6Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 7Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 8Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 9Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 10Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 11Page - Texas Instruments BQ34Z100PWR-G1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
tSU(STA)
SCL
SDA
tw(H)
tw(L)
tf
tr
t(BUF)
tr
td(STA)
REPEATED
START
th(DAT)
tsu(DAT)
tf
tsu(STOP)
STOP
START
8
bq34z100-G1
SLUSBZ5B – JANUARY 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: bq34z100-G1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.14 Timing Requirements: I
2C-Compatible Interface
TA = –40°C to 85°C, 2.45 V < VREGIN = VBAT < 5.5 V; typical values at TA = 25°C and VREGIN = VBAT = 3.6 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse width (high)
600
ns
tw(L)
SCL pulse width (low)
1.3
μs
tsu(STA)
Setup for repeated start
600
ns
td(STA)
Start to first falling edge of SCL
600
ns
tsu(DAT)
Data setup time
100
ns
th(DAT)
Data hold time
0
ns
tsu(STOP)
Setup time for stop
600
ns
tBUF
Bus free time between stop and start
66
μs
fSCL
Clock frequency
400
kHz
Figure 2. I2C-Compatible Interface Timing Diagrams


Similar Part No. - BQ34Z100PWR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100PWR-R2 TI-BQ34Z100PWR-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
More results

Similar Description - BQ34Z100PWR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z100-R2 TI-BQ34Z100-R2 Datasheet
1Mb / 27P
[Old version datasheet]   BQ34Z100-R2 Wide Range Fuel Gauge with Impedance Track™ Technology
DECEMBER 2022
BQ34Z110 TI1-BQ34Z110 Datasheet
226Kb / 11P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??for Lead-Acid Batteries
logo
STMicroelectronics
L9780 STMICROELECTRONICS-L9780 Datasheet
872Kb / 56P
   Wide range air fuel sensor control interface
November 2014 Rev 3
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
   Standalone Fuel Gauge IC
5/09
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
387Kb / 25P
   Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
Intersil Corporation
ISL6295CVZ INTERSIL-ISL6295CVZ Datasheet
286Kb / 25P
   Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
   Low Voltage Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com