Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ3285S-SB2TR Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ3285S-SB2TR
Description  Real-Time Clock (RTC)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3285S-SB2TR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ3285S-SB2TR Datasheet HTML 2Page - Texas Instruments BQ3285S-SB2TR Datasheet HTML 3Page - Texas Instruments BQ3285S-SB2TR Datasheet HTML 4Page - Texas Instruments BQ3285S-SB2TR Datasheet HTML 5Page - Texas Instruments BQ3285S-SB2TR Datasheet HTML 6Page - Texas Instruments BQ3285S-SB2TR Datasheet HTML 7Page - Texas Instruments BQ3285S-SB2TR Datasheet HTML 8Page - Texas Instruments BQ3285S-SB2TR Datasheet HTML 9Page - Texas Instruments BQ3285S-SB2TR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Square-Wave Output
The bq3285 divides the 32.768kHz oscillator frequency
to produce the 1Hz update frequency for the clock and
calendar. Thirteen taps from the frequency divider are
fed to a 16:1 multiplexer circuit. The output of this mux
is fed to the SQW output and periodic interrupt genera-
tion circuitry. The four least-significant bits of register
A, RS0–RS3, select among the 13 taps (see Table 3). The
square-wave output is enabled by writinga1tothe
square-wave enable bit (SQWE) in register B.
Interrupts
The bq3285 allows three individually selected interrupt
events to generate an interrupt request. These three in-
terrupt events are:
n
The periodic interrupt, programmable to occur once
every 122
µs to 500ms
n
The alarm interrupt, programmable to occur once per
second to once per day
n
The update-ended interrupt, which occurs at the end
of each update cycle
Each of the three interrupt events is enabled by an indi-
vidual interrupt-enable bit in register B. When an event
occurs, its event flag bit in register C is set. If the corre-
sponding event enable bit is also set, then an interrupt
request is generated.
The interrupt request flag bit
(INTF) of register C is set with every interrupt request.
Reading register C clears all flag bits, including INTF,
and makes INT high-impedance.
Two methods can be used to process bq3285 interrupt
events:
n
Enable interrupt events and use the interrupt request
output to invoke an interrupt service routine.
n
Do not enable the interrupts and use a polling routine
to periodically check the status of the flag bits.
The individual interrupt sources are described in detail
in the following sections.
6
Register A Bits
Square Wave
Periodic Interrupt
RS3
RS2
RS1
RS0
Frequency
Units
Period
Units
0000
None
None
0001
256
Hz
3.90625
ms
0010
128
Hz
7.8125
ms
0011
8.192
kHz
122.070
µs
0100
4.096
kHz
244.141
µs
0101
2.048
kHz
488.281
µs
0110
1.024
kHz
976.5625
µs
0111
512
Hz
1.95315
ms
1000
256
Hz
3.90625
ms
1001
128
Hz
7.8125
ms
1010
64
Hz
15.625
ms
1011
32
Hz
31.25
ms
1100
16
Hz
62.5
ms
1101
8
Hz
125
ms
1110
4
Hz
250
ms
1111
2
Hz
500
ms
Table 3. Square-Wave Frequency/Periodic Interrupt Rate
bq3285


Similar Part No. - BQ3285S-SB2TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285S- TI-BQ3285S- Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
More results

Similar Description - BQ3285S-SB2TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
logo
Texas Instruments
BQ3285ED TI1-BQ3285ED_16 Datasheet
674Kb / 28P
[Old version datasheet]   Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com