Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ32002 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ32002
Description  BQ32002 Real-Time Clock (RTC)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ32002 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ32002 Datasheet HTML 3Page - Texas Instruments BQ32002 Datasheet HTML 4Page - Texas Instruments BQ32002 Datasheet HTML 5Page - Texas Instruments BQ32002 Datasheet HTML 6Page - Texas Instruments BQ32002 Datasheet HTML 7Page - Texas Instruments BQ32002 Datasheet HTML 8Page - Texas Instruments BQ32002 Datasheet HTML 9Page - Texas Instruments BQ32002 Datasheet HTML 10Page - Texas Instruments BQ32002 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
I2C Register
Interface With
Undervoltage
Lockout
Interrupt
Generator
32-kHz
Oscillator
VCORE
Registers
Automatic
Backup
Switch
V
CC
4.7
4.7
4.7
V
CC
V
CC
IRQ
SCL
SDA
GND
OSCO
OSCI
V
BACK
1 µF
.22 F
Place supply-decoupling
capacitor near supply pin
Use only
super-capacitor
or battery, not
both
Copyright © 2016, Texas Instruments Incorporated
7
BQ32002
www.ti.com
SLUSA96B – AUGUST 2010 – REVISED APRIL 2016
Product Folder Links: BQ32002
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The BQ32002 is a real-time clock that features an automatic backup supply with integrated oscillator-fail
detection.
7.2 Functional Block Diagram
NOTE: All pullup resistors should be connected to VCC such that no pullup is applied during backup supply operation.
7.3 Feature Description
7.3.1
IRQ Function
The IRQ pin of the BQ32002 functions as a general-purpose output or a frequency test output. The function of
IRQ is configurable in the device register space by setting the FT, FTF, and OUT bits. On initial power cycles,
the OUT bit is set to one, and the FTF and FT bits are set to zero. On subsequent power-ups, with backup
supply present, the OUT bit remains unchanged, and the FTF and FT bits are set to zero. When operating on
backup supply, the IRQ pin function is unused. IRQ pullup resistor must be tied to VCC to prevent IRQ operation
when operating on backup supply. The effect of the calibration logic is not normally observable when IRQ is
configured to output 1 Hz. The calibration logic functions by periodically adjusting the width of the 1-Hz clock.
The calibration effect is observable only every eight or sixteen minutes, depending on the sign of the calibration.


Similar Part No. - BQ32002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ32000D TI-BQ32000D Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ32000DR TI-BQ32000DR Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
More results

Similar Description - BQ32002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
BQ3285 TI1-BQ3285_15 Datasheet
614Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
logo
National Semiconductor ...
DP8572A NSC-DP8572A Datasheet
367Kb / 22P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285EC TI-BQ3285EC Datasheet
831Kb / 26P
[Old version datasheet]   Real-Time Clock (RTC)
BQ3285ED TI-BQ3285ED Datasheet
159Kb / 27P
[Old version datasheet]   Real-Time Clock (RTC)
logo
UMC Corporation
UM82C8167 UMC-UM82C8167 Datasheet
617Kb / 7P
   Real-Time Clock(RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com