Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA755BLGABCRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRA755BLGABCRQ1
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
Download  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA755BLGABCRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  DRA755BLGABCRQ1 Datasheet HTML 1Page - Texas Instruments DRA755BLGABCRQ1 Datasheet HTML 2Page - Texas Instruments DRA755BLGABCRQ1 Datasheet HTML 3Page - Texas Instruments DRA755BLGABCRQ1 Datasheet HTML 4Page - Texas Instruments DRA755BLGABCRQ1 Datasheet HTML 5Page - Texas Instruments DRA755BLGABCRQ1 Datasheet HTML 6Page - Texas Instruments DRA755BLGABCRQ1 Datasheet HTML 7Page - Texas Instruments DRA755BLGABCRQ1 Datasheet HTML 8Page - Texas Instruments DRA755BLGABCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 443 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
DRA75x, DRA74x Infotainment Applications Processor
Silicon Revision 2.0
1
Device Overview
1
1.1
Features
1
• Architecture Designed for Infotainment
Applications
• Video, Image, and Graphics Processing Support
– Full-HD Video (1920 × 1080p, 60 fps)
– Multiple Video Input and Video Output
– 2D and 3D Graphics
• ARM® Dual Cortex®-A15 Microprocessor
Subsystem
• Up to two C66x™ Floating-Point VLIW DSP
– Fully Object-Code Compatible With C67x™ and
C64x+™
– Up to Thirty-two 16 x 16-Bit Fixed-Point
Multiplies per Cycle
• Up to 2.5MB of On-Chip L3 RAM
• Level 3 (L3) and Level 4 (L4) Interconnects
• Two DDR2/DDR3/DDR3L Memory Interface
(EMIF) Modules
– Supports up to DDR2-800 and DDR3-1066
– Up to 2GB Supported per EMIF
• Two ARM® Dual Cortex®-M4 Image Processing
Units (IPUs)
• Up to Two Embedded Vision Engines (EVEs)
• IVA Subsystem
• Display Subsystem
– Display Controller With DMA Engine and up to
Three Pipelines
– HDMI™ Encoder: HDMI 1.4a and DVI 1.0
Compliant
• Video Processing Engine (VPE)
• 2D-Graphics Accelerator (BB2D) Subsystem
– Vivante™ GC320 Core
• Dual-Core PowerVR® SGX544™ 3D GPU
• Three Video Input Port (VIP) Modules
– Support for up to 10 Multiplexed Input Ports
• General-Purpose Memory Controller (GPMC)
• Enhanced Direct Memory Access (EDMA)
Controller
• 2-Port Gigabit Ethernet (GMAC)
• Sixteen 32-Bit General-Purpose Timers
• 32-Bit MPU Watchdog Timer
• Five Inter-Integrated Circuit (I2C) Ports
• HDQ™/1-Wire® Interface
• SATA Interface
• Media Local Bus (MLB) Subsystem
• Ten Configurable UART/IrDA/CIR Modules
• Four Multichannel Serial Peripheral Interfaces
(MCSPIs)
• Quad SPI (QSPI)
• Multichannel Audio Serial Port (MCASP)
• SuperSpeed USB 3.0 Dual-Role Device
• PCI-Express® 2.0 Subsystems With Two 5-Gbps
Lanes
– One 2-lane Gen2-Compliant Port
– or Two 1-lane Gen2-Compliant Ports
• Dual Controller Area Network (DCAN) Modules
– CAN 2.0B Protocol
• Up to 247 General-Purpose I/O (GPIO) Pins
• Real-Time Clock Subsystem (RTCSS)
• Devise security features
– Hardware Crypto accelerators and DMA
– Firewalls
– JTAG lock
– Secure keys
– Secure ROM and boot
• Power, Reset, and Clock Management
• On-Chip Debug With CTools Technology
• 28-nm CMOS Technology
• 23 mm × 23 mm, 0.8-mm Pitch, 760-Pin BGA
(ABC)


Similar Part No. - DRA755BLGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA750BJGABCRQ1 TI1-DRA750BJGABCRQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA752PPGABZQ1 TI1-DRA752PPGABZQ1 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA756 TI1-DRA756 Datasheet
101Kb / 5P
[Old version datasheet]   SoC Processors for Automotive Infotainment Technical Brief
DRA756BPGABCQ1 TI1-DRA756BPGABCQ1 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
More results

Similar Description - DRA755BLGABCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com