Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29312 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29312
Description  FOUR CELL LITHIUM-ION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29312 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ29312 Datasheet HTML 4Page - Texas Instruments BQ29312 Datasheet HTML 5Page - Texas Instruments BQ29312 Datasheet HTML 6Page - Texas Instruments BQ29312 Datasheet HTML 7Page - Texas Instruments BQ29312 Datasheet HTML 8Page - Texas Instruments BQ29312 Datasheet HTML 9Page - Texas Instruments BQ29312 Datasheet HTML 10Page - Texas Instruments BQ29312 Datasheet HTML 11Page - Texas Instruments BQ29312 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
www.ti.com
GND
SR1
SR2
Over-Load
Comparator
Short Circuit
SHORT_CIRCUIT
DELAY
Open
Drain
Output
Watchdog
Timer
OD
Cell Voltage
Translation
Power
Mode
Circuit
Drive
Control
VCELL
R SNS
RCELL
CCELL
TOUT
R THERM
C THERM
THERMISTOR
Cell
Selection
Switches
3.3V LDO
POR
SHIP_ON
SLEEP_ON
BAT
PACK
REG
C (REG)
FET
Logic
Gate Driver
CHG_ON
DSG_ON
ZVCHG_ON
DSG
CHG
ZVCHG
PACK-
PACK+
R(ZVCHG)
PMS
GG VDD
VC1
VC2
VC5
CELL 3
CELL 4
VC3
VC4
CELL 1
CELL 2
GG TS
INPUT
GG ANALOG
INPUT
SLEEP
REG
WDI
SLEEP
CONTROL
32kHz INPUT
FROM GG
GG INTERFACE
SDATA
ALERT TO GG
OPEN DRAIN
OUTPUT
GG INTERFACE
SCLK
SDATA
SCLK
XALERT
Status
Output Ctl
State Ctl
Function Ctl
CELL_SEL
OCDV
OCDT
SCC
SCD
Registers
Comparator
OVER_CURRENT
REG
200 kW
200 kW
0.2 mA
Current Source
_
+
-
bq29312
SLUS546E – MARCH 2003 – REVISED MARCH 2005
FUNCTIONAL BLOCK DIAGRAM
8


Similar Part No. - BQ29312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312 TI-BQ29312 Datasheet
310Kb / 33P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM-LON ORLITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312A TI1-BQ29312A Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312APW TI-BQ29312APW Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
BQ29312APW TI1-BQ29312APW Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
More results

Similar Description - BQ29312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
UCC3957 TI-UCC3957 Datasheet
117Kb / 8P
[Old version datasheet]   Three - Four Cell Lithium-Ion Protector Circuit
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com