Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA752BPGABCQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # DRA752BPGABCQ1
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
Download  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA752BPGABCQ1 Datasheet(HTML) 4 Page - Texas Instruments

  DRA752BPGABCQ1 Datasheet HTML 1Page - Texas Instruments DRA752BPGABCQ1 Datasheet HTML 2Page - Texas Instruments DRA752BPGABCQ1 Datasheet HTML 3Page - Texas Instruments DRA752BPGABCQ1 Datasheet HTML 4Page - Texas Instruments DRA752BPGABCQ1 Datasheet HTML 5Page - Texas Instruments DRA752BPGABCQ1 Datasheet HTML 6Page - Texas Instruments DRA752BPGABCQ1 Datasheet HTML 7Page - Texas Instruments DRA752BPGABCQ1 Datasheet HTML 8Page - Texas Instruments DRA752BPGABCQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 443 page
background image
4
DRA744, DRA745, DRA746
DRA750, DRA751, DRA752
DRA754, DRA755, DRA756
SPRS950A – DECEMBER 2015 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA744 DRA745 DRA746 DRA750 DRA751 DRA752 DRA754 DRA755 DRA756
Table of Contents
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
........................... 3
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Device Comparison Table
............................ 6
3.2
Related Products
..................................... 9
4
Terminal Configuration and Functions
............ 10
4.1
Terminal Assignment
................................ 10
4.2
Ball Characteristics
.................................. 11
4.3
Multiplexing Characteristics
......................... 80
4.4
Signal Descriptions
.................................. 98
5
Specifications
......................................... 140
5.1
Absolute Maximum Ratings
........................ 140
5.2
ESD Ratings
....................................... 141
5.3
Power on Hour (POH) Limits
...................... 141
5.4
Recommended Operating Conditions
............. 143
5.5
Operating Performance Points
..................... 146
5.6
Power Consumption Summary
.................... 167
5.7
Electrical Characteristics
........................... 168
5.8
Thermal Resistance Characteristics
............... 177
5.9
Power Supply Sequences
......................... 178
6
Clock Specifications
................................. 190
6.1
Input Clock Specifications
......................... 191
6.2
DPLLs, DLLs Specifications
....................... 199
7
Timing Requirements and Switching
Characteristics
........................................ 203
7.1
Timing Test Conditions
............................ 203
7.2
Interface Clock Specifications
..................... 203
7.3
Timing Parameters and Information
............... 203
7.4
Recommended Clock and Control Signal Transition
Behavior
............................................ 205
7.5
Virtual and Manual I/O Timing Modes
............. 205
7.6
Video Input Ports (VIP)
............................ 208
7.7
Display Subsystem – Video Output Ports
......... 226
7.8
Display Subsystem – High-Definition Multimedia
Interface (HDMI)
................................... 237
7.9
External Memory Interface (EMIF)
................. 237
7.10
General-Purpose Memory Controller (GPMC)
..... 237
7.11
Timers
.............................................. 259
7.12
Inter-Integrated Circuit Interface (I2C)
............. 260
7.13
HDQ / 1-Wire Interface (HDQ1W)
................. 263
7.14
Universal Asynchronous Receiver Transmitter
(UART)
............................................. 265
7.15
Multichannel Serial Peripheral Interface (MCSPI)
266
7.16
Quad Serial Peripheral Interface (QSPI)
.......... 272
7.17
Multichannel Audio Serial Port (McASP)
.......... 278
7.18
Universal Serial Bus (USB)
........................ 298
7.19
Serial Advanced Technology Attachment (SATA)
. 300
7.20
Peripheral Component Interconnect Express
(PCIe)
.............................................. 300
7.21
Controller Area Network Interface (DCAN)
........ 301
7.22
Ethernet Interface (GMAC_SW)
................... 302
7.23
Media Local Bus (MLB) interface
.................. 312
7.24
eMMC/SD/SDIO
................................... 315
7.25
General-Purpose Interface (GPIO)
................ 342
7.26
Audio Tracking Logic (ATL)
........................ 342
7.27
System and Miscellaneous interfaces
............. 343
7.28
Test Interfaces
..................................... 343
8
Applications, Implementation, and Layout
...... 348
8.1
Introduction
........................................ 348
8.2
Power Optimizations
............................... 349
8.3
Core Power Domains
.............................. 363
8.4
Single-Ended Interfaces
........................... 374
8.5
Differential Interfaces
.............................. 376
8.6
Clock Routing Guidelines
.......................... 397
8.7
DDR2/DDR3 Board Design and Layout
Guidelines
.......................................... 399
9
Device and Documentation Support
.............. 434
9.1
Device Nomenclature
.............................. 434
9.2
Tools and Software
................................ 436
9.3
Documentation Support
............................ 436
9.4
Receiving Notification of Documentation Updates
. 437
9.5
Related Links
...................................... 437
9.6
Community Resources
............................. 438
9.7
Trademarks
........................................ 438
9.8
Electrostatic Discharge Caution
................... 438
9.9
Export Control Notice
.............................. 438
9.10
Glossary
............................................ 438
10
Mechanical Packaging and Orderable
Information
............................................. 439
10.1
Mechanical Data
................................... 439


Similar Part No. - DRA752BPGABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA752PPGABZQ1 TI1-DRA752PPGABZQ1 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
More results

Similar Description - DRA752BPGABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA722 TI1-DRA722 Datasheet
5Mb / 409P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA72 TI1-DRA72 Datasheet
4Mb / 411P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75 TI1-DRA75 Datasheet
5Mb / 443P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 2.0
DRA75P TI1-DRA75P_19 Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA80M TI1-DRA80M Datasheet
2Mb / 278P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
TDA2-17 TI1-TDA2-17 Datasheet
4Mb / 377P
[Old version datasheet]   ADAS Applications Processor 17mm Package (AAS Package) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com