Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV201YFMT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201YFMT
Description  DRV201 Voice Coil Motor Driver for Camera Auto Focus
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV201YFMT Datasheet(HTML) 3 Page - Texas Instruments

  DRV201YFMT Datasheet HTML 1Page - Texas Instruments DRV201YFMT Datasheet HTML 2Page - Texas Instruments DRV201YFMT Datasheet HTML 3Page - Texas Instruments DRV201YFMT Datasheet HTML 4Page - Texas Instruments DRV201YFMT Datasheet HTML 5Page - Texas Instruments DRV201YFMT Datasheet HTML 6Page - Texas Instruments DRV201YFMT Datasheet HTML 7Page - Texas Instruments DRV201YFMT Datasheet HTML 8Page - Texas Instruments DRV201YFMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
201
YMDS
YMB package package markings:
YM
= YEAR / MONTH DATE CODE
D
= DAY OF LASER MARK
S
= ASSEMBLY SITE CODE
0
= Pin A1 (Filled Solid)
I
SOURCE
VBAT
GND
C
B
A
2
1
I
SINK
SCL
SDA
I
SOURCE
VBAT
GND
C
B
A
2
1
I
SINK
SCL
SDA
YFM package has no top side markings
DRV201
www.ti.com
SLVSB25C – AUGUST 2011 – REVISED JUNE 2015
5 Pin Configuration and Functions
YFM Package
YMB Package
8-Pin PICOSTAR
6-Pin DSBGA
Bottom View and Top View
Bottom View and Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
VBAT
2A
P
Power
GND
1A
P
Ground
I_SOURCE
2B
O
Voice coil positive terminal
I_SINK
1B
O
Voice coil negative terminal
SCL
2C
I
I2C serial interface clock input
SDA
1C
I/O
I2C serial interface data input/output (open drain)
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VBAT, ISOURCE, ISINK pin voltage(2)
–0.3
5.5
V
Voltage at SDA, SCL
–0.3
3.6
V
Continuous total power dissipation
Internally limited
TJ
Operating junction temperature
–40
125
°C
TA
Operating ambient temperature
–40
85
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±500
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DRV201


Similar Part No. - DRV201YFMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201YFMT TI1-DRV201YFMT Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results

Similar Description - DRV201YFMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com