Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV102FKTWTG3 Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV102FKTWTG3
Description  PWM SOLENOID/VALVE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV102FKTWTG3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV102FKTWTG3 Datasheet HTML 7Page - Texas Instruments DRV102FKTWTG3 Datasheet HTML 8Page - Texas Instruments DRV102FKTWTG3 Datasheet HTML 9Page - Texas Instruments DRV102FKTWTG3 Datasheet HTML 10Page - Texas Instruments DRV102FKTWTG3 Datasheet HTML 11Page - Texas Instruments DRV102FKTWTG3 Datasheet HTML 12Page - Texas Instruments DRV102FKTWTG3 Datasheet HTML 13Page - Texas Instruments DRV102FKTWTG3 Datasheet HTML 14Page - Texas Instruments DRV102FKTWTG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DRV102
11
SBVS009B
www.ti.com
STATUS FLAG
Flag (pin 7) provides fault indication for under-current,
over-current, and thermal shutdown conditions. During a
fault condition, Flag output is driven low (pin voltage
typically drops to 0.2V). A pull-up resistor, as shown in
Figure 7, is required to interface with standard logic. A small
value capacitor may be needed between Flag and ground in
noisy applications.
Figure 7 gives an example of a non-latching fault monitoring
circuit, while Figure 8 provides a latching version. The Flag
pin can sink several milliamps, sufficient to drive external
logic circuitry or an LED (Figure 9) to indicate when a fault
has occurred. In addition, the Flag pin can be used to turn off
other DRV102’s in a system for chain fault protection.
Over/Under Current Fault
An over-current fault occurs when the output current ex-
ceeds the current limit. All units are guaranteed to drive 2A
without current limiting. Typically, units will limit at 2.7A.
The status flag is not latched. Since current during PWM
mode is switched on and off, the flag output will be modu-
lated with PWM timing (see flag waveforms in the Typical
Performance Curves).
An under-current fault occurs when the output current is
below the under-scale current threshold (typically 16mA).
For example, this function indicates when the load is discon-
nected. Again, the flag output is not latched, so an under-
current condition during PWM mode will produce a flag
output that is modulated by the PWM waveform. An initial,
brief under-current flag normally appears driving inductive
loads and may be avoided by adding a parallel resistor
sufficient to move the initial current above the under-current
threshold. Avoid adding capacitance to pin 6 (Out) as it may
cause momentary current limiting.
Over-Temperature Fault
A thermal fault occurs when the die reaches approximately
165
°C, producing a similar effect as pulling the input low.
Internal shutdown circuitry disables the output and resets the
Delay Adjust pin. The Flag is latched in the low state (fault
condition) until the die has cooled to approximately 150
°C.
A thermal fault can occur in any mode of operation. Recov-
ery from thermal fault will start in delay mode (constant dc
output).
FIGURE 8. Latching Fault Monitoring Circuit.
FIGURE 7. Non-Latching Fault Monitoring Circuit.
DRV102
Thermal Shutdown
Over/Under Current
6
5
7
V
S
Out
4
Gnd
5k
Pull-Up
+5V
Flag
TTL or HCT
DRV102
Thermal Shutdown
Over/Under Current
5
7
6
20k
+5V
Flag
Q
Q
CLR
Flag
Flag
Flag Reset
J
CLK
GND
K
V
S
74XX76A
(1)
NOTE: (1) Small capacitor (10pF) may be required in noisy environments.
4
Gnd
V
S
Out
FIGURE 9. LED to Indicate Fault Condition.
DRV102
Thermal Shutdown
Over/Under Current
7
5k
+5V
Flag
(LED)
HLMP-Q156
5
6
4
Gnd
V
S
Out


Similar Part No. - DRV102FKTWTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV102FKTWT TI-DRV102FKTWT Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV102FKTWTG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101_15 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com