Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8349ARE Datasheet(PDF) 4 Page - Analog Devices

Part # AD8349ARE
Description  700 MHz to 2700 MHz Quadrature Modulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8349ARE Datasheet(HTML) 4 Page - Analog Devices

  AD8349ARE Datasheet HTML 1Page - Analog Devices AD8349ARE Datasheet HTML 2Page - Analog Devices AD8349ARE Datasheet HTML 3Page - Analog Devices AD8349ARE Datasheet HTML 4Page - Analog Devices AD8349ARE Datasheet HTML 5Page - Analog Devices AD8349ARE Datasheet HTML 6Page - Analog Devices AD8349ARE Datasheet HTML 7Page - Analog Devices AD8349ARE Datasheet HTML 8Page - Analog Devices AD8349ARE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8349
Rev. 0 | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT ENABLE
Pin ENOP
Off Isolation
ENOP Low
–78
–50
dBm
Turn-On Settling Time
ENOP Low to High (90% of envelope)
20
ns
Turn-Off Settling Time
ENOP High to Low (10% of envelope)
50
ns
ENOP High Level (Logic 1)
2.0
V
ENOP Low Level (Logic 0)
0.8
V
POWER SUPPLIES
Pins VPS1 and VPS2
Voltage
4.75
5.25
V
Supply Current
ENOP = High
135
150
mA
ENOP = Low
130
145
mA
1 The amplitude of the third harmonic relative to the single sideband power decreases with decreasing baseband drive level (see Figure 19, Figure 20, and Figure 21).


Similar Part No. - AD8349ARE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
AD8349AREZ-RL7 AD-AD8349AREZ-RL7 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results

Similar Description - AD8349ARE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
AD8349 AD-AD8349_15 Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
List of Unclassifed Man...
STQ-2016-3 ETC1-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
logo
Analog Devices
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
   700 MHz to 1050 MHz Quadrature
REV. B
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com