Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV101FKTWTG3 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV101FKTWTG3
Description  PWM SOLENOID/VALVE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV101FKTWTG3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV101FKTWTG3 Datasheet HTML 5Page - Texas Instruments DRV101FKTWTG3 Datasheet HTML 6Page - Texas Instruments DRV101FKTWTG3 Datasheet HTML 7Page - Texas Instruments DRV101FKTWTG3 Datasheet HTML 8Page - Texas Instruments DRV101FKTWTG3 Datasheet HTML 9Page - Texas Instruments DRV101FKTWTG3 Datasheet HTML 10Page - Texas Instruments DRV101FKTWTG3 Datasheet HTML 11Page - Texas Instruments DRV101FKTWTG3 Datasheet HTML 12Page - Texas Instruments DRV101FKTWTG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DRV101
9
SBVS008B
www.ti.com
APPLICATIONS INFORMATION
POWER SUPPLY
The DRV101 operates from a single +9V to +60V supply
with excellent performance. Most behavior remains un-
changed throughout the full operating voltage range. Param-
eters which vary significantly with operating voltage are
shown in the Typical Performance Curves.
ADJUSTABLE INITIAL 100% DUTY CYCLE
A unique feature of the DRV101 is its ability to provide an
initial constant dc output (100% duty cycle) and then switch
to PWM mode to save power. This function is particularly
useful when driving solenoids which have a much higher
pull-in current requirement than hold requirement.
The duration of this constant dc output (before PWM output
begins) can be externally controlled with a capacitor con-
nected from Delay Adjust (pin 2) to ground according to the
following equation:
Delay Time
≈ C
D • 10
6
(time in seconds, CD in Farads)
Leaving the Delay Adjust pin open results in a constant
output time of approximately 15
µs. The duration of this
initial output can be reduced to less than 3
µs by connecting
the pin to 5V. Table I provides examples of desired “delay”
times (constant output before PWM mode) and the appropri-
ate capacitor values or pin connection.
CONSTANT OUTPUT DURATION
CD
3
µs
Pin connected to 5V
15
µs
Pin open
100
µs
100pF
1ms
1nF
100ms
0.1
µF
TABLE I. Delay Adjust Pin Connections.
ADJUSTABLE DUTY CYCLE
The DRV101’s externally adjustable duty cycle provides an
accurate means of controlling power delivered to the load.
Duty cycle can be set from 10% to 100% with an external
resistor, analog voltage, or the output of a D/A converter.
Reduced duty cycle results in reduced power dissipation.
This keeps the DRV101 and load cooler, resulting in in-
creased reliability for both devices. PWM frequency is a
constant 24kHz.
Resistor Controlled Duty Cycle
Duty cycle is easily programmed with a resistor (RPWM)
connected between the Duty Cycle Adjust pin and ground.
Increased resistor values correspond to decreased duty cycles.
Table II provides resistor values for typical duty cycles.
Resistor values for additional duty cycles can be obtained
from Figure 3. For reference purposes, the equation for
calculating RPWM is included in Figure 3.
FIGURE 3. RPWM vs Duty Cycle.
FIGURE 2. Simplified Circuit Model of the Delay Adjust Pin.
The internal Delay Adjust circuitry is composed of a 3
µA
current source and a 3V comparator as shown in Figure 2.
Thus, when the pin voltage is less than 3V, the output device
is 100% on (dc output mode).
3µA
2
C
D
V
S
3V Reference
Comparator
Delay Adjust
DRV101
RESISTOR(1)
VOLTAGE(2)
DUTY CYCLE
RPWM (kΩ)VPWM (V)
10
976
3.7
20
205
3.4
30
84.5
3.0
40
46.4
2.6
50
28.7
2.2
60
18.2
1.75
70
11.8
1.35
80
7.50
1.00
90
4.87
0.75
NOTES: (1) Resistor values listed are nearest 1% standard values. (2) Do not
drive pin below 0.1V. For additional values, see “Duty Cycle vs Voltage” typical
performance curve.
TABLE II. Duty Cycle Adjust. TA= +25°C, VS = +24V.
10
20
40
60
100
80
Duty Cycle (%)
1000
100
10
1
R
PWM = [ a + b (DC) + c (DC)
2 + d (DC)3 + e (DC)4]–1
where: a = 2.4711 x 10–6
b = –5.2095 x 10–7
c = 4.4576 x 10–8
d = –7.6427 x 10–10
e = 6.8039 x 10–12
R
PWM = [2.4711 x 10
–6 + (–5.2095 x 10–7) (50) + (4.4576 x 10–8) (50)2
+ (–7.6427 x 10–10) (50)3 + (6.8039 x 10–12) (50)4]–1
DC = duty cycle in %
For 50% duty cycle:
= 28.7k


Similar Part No. - DRV101FKTWTG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101F BURR-BROWN-DRV101F Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV101FKTWTG3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI1-DRV102_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com