Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV201 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV201
Description  DRV201 Voice Coil Motor Driver for Camera Auto Focus
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV201 Datasheet(HTML) 5 Page - Texas Instruments

  DRV201_15 Datasheet HTML 1Page - Texas Instruments DRV201_15 Datasheet HTML 2Page - Texas Instruments DRV201_15 Datasheet HTML 3Page - Texas Instruments DRV201_15 Datasheet HTML 4Page - Texas Instruments DRV201_15 Datasheet HTML 5Page - Texas Instruments DRV201_15 Datasheet HTML 6Page - Texas Instruments DRV201_15 Datasheet HTML 7Page - Texas Instruments DRV201_15 Datasheet HTML 8Page - Texas Instruments DRV201_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DRV201
www.ti.com
SLVSB25C – AUGUST 2011 – REVISED JUNE 2015
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILIMIT
Average VCM current limit
See (1)
110
160
240
mA
Minimum VCM code for OPEN and
IDETCODE
See (2)
256
mA
SHORT detection
fSW
Switching frequency
Selectable through CONTROL register
0.5
4
MHz
VDRP
Internal dropout
See (3)
0.4
V
LVCM
VCM inductance
30
150
µH
RVCM
VCM resistance
11
22
Ω
LENS MOVEMENT CONTROL
tset1
Lens settling time
±10% error band
2/fVCM
ms
tset2
Lens settling time
±10% error band
1/fVCM
ms
VCM resonance frequency
50
150
Hz
fVCM
When 1/fVCM compensation is used
–10%
10%
VCM resonance frequency tolerance
When 2/fVCM compensation is used
–30%
30%
LOGIC I/Os (SDA AND SCL)
V = 1.8 V, SCL
–4.25
4.25
IIN
Input leakage current
µA
V = 1.8 V, SDA
–1
1
RPullUp
I2C pull-up resistors
SDA and SCL pins
4.7
k
Ω
VIH
Input high level
See (4)
1.17
3.6
V
VIL
Input low level
See (5)
0
0.63
V
tTIMEOUT
SCL timeout for shutdown detection
0.5
1
ms
RPD
Pull down resistor at SCL line
500
k
Ω
fSCL
I2C clock frequency
400
kHz
INTERNAL OSCILLATOR
fOSC
Internal oscillator
20°C
≤ TA ≤ 70°C
–3%
3%
Frequency accuracy
-40°C
≤ TA ≤ 85°C
–5%
5%
THERMAL SHUTDOWN
TTRIP
Thermal shutdown trip point
140
°C
(1)
During short circuit condition driver current limit comparator will trip and short is detected and driver goes into STANDBY and short flag
is set high in the status register.
(2)
When testing VCM open or short this is the recommended minimum VCM code (in dec) to be used.
(3)
This is the voltage that is needed for the feedback resistor and high side driver. It should be noted that the maximum VCM resistance is
limited by this voltage and supply voltage. For example, 3-V supply maximum VCM resistance is: RVCM = (VBAT – VDRP)/IVCM = (3 V -
0.4 V)/102.3 mA = 25.4
Ω.
(4)
During shutdown to standby transition VIH low limit is 1.28 V.
(5)
During shutdown to standby transition VIL high limit is 0.51 V.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV201


Similar Part No. - DRV201_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201AYMBR TI-DRV201AYMBR Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201AYMBRB TI-DRV201AYMBRB Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
DRV201YFMR TI1-DRV201YFMR Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201YFMT TI1-DRV201YFMT Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results

Similar Description - DRV201_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201A TI-DRV201A Datasheet
881Kb / 25P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com