Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV102 Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV102
Description  PWM SOLENOID/VALVE DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV102 Datasheet(HTML) 2 Page - Texas Instruments

  DRV102 Datasheet HTML 1Page - Texas Instruments DRV102 Datasheet HTML 2Page - Texas Instruments DRV102 Datasheet HTML 3Page - Texas Instruments DRV102 Datasheet HTML 4Page - Texas Instruments DRV102 Datasheet HTML 5Page - Texas Instruments DRV102 Datasheet HTML 6Page - Texas Instruments DRV102 Datasheet HTML 7Page - Texas Instruments DRV102 Datasheet HTML 8Page - Texas Instruments DRV102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
DRV102
2
SBVS009B
www.ti.com
SPECIFICATIONS
At TC = +25°C, VS = +24V, load = series diode MUR415 and 100Ω, and 4.99kΩ Flag pull-up to +5V, unless otherwise noted.
DRV102T, F
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Saturation Voltage, Source
IO = 1A
+1.7
+2.2
V
IO = 0.1A
+1.3
+1.7
V
Current Limit
2
2.7
3.4
A
Under-Scale Current
16
mA
Leakage Current
Output Transistor Off, VS = +60V, VO = 0V
±0.01
±2mA
DIGITAL CONTROL INPUT(1)
VCTR Low (output disabled)
0
+1.2
V
VCTR High (output enabled)
+2.2
VS
V
ICTR Low (output disabled)
VCTR = 0V
–80(2)
µA
ICTR High (output enabled)
VCTR = +5V
20(2)
µA
Propagation Delay: On-to-Off
0.9
µs
Off-to-On
1.8
µs
DELAY TO PWM(3)
dc to PWM Mode
Delay Equation(4)
Delay to PWM
≈ C
D • 10
6 (C
D in F)
s
Delay Time
CD = 0.1µF
80
97
110
ms
Minimum Delay Time(5)
CD = 0
15
µs
DUTY CYCLE ADJUST
Duty Cycle Range
10 to 90
%
Duty Cycle Accuracy
49% Duty Cycle, RPWM = 25.5kΩ±1
±7%
vs Supply Voltage
49% Duty Cycle, VS = 8V to 60V
±1
±5%
Nonlinearity(6)
20% to 80% Duty Cycle
±2
% FSR
DYNAMIC RESPONSE
Output Voltage Rise Time
VO = 10% to 90% of VS
0.25
2.5
µs
Output Voltage Fall Time
VO = 90% to 10% of VS
0.25
2.5
µs
Oscillator Frequency
19
24
29
kHz
FLAG
Normal Operation
20k
Ω Pull-Up to +5V, I
O < 1.5A
+4
+4.9
V
Fault(7)
Sinking 1mA
+0.2
+0.4
V
Sink Current
VFLAG = 0.4V
2
mA
Under-Current Flag: Set
5.2
µs
Reset
11
µs
Over-Current Flag:
Set
5.2
µs
Reset
11.5
µs
THERMAL SHUTDOWN
Junction Temperature
Shutdown
+165
°C
Reset from Shutdown
+150
°C
POWER SUPPLY
Specified Operating Voltage
+24
V
Operating Voltage Range
+8
+60
V
Quiescent Current
IO = 0
6.5
9
mA
TEMPERATURE RANGE
Specified Range
–55
+125
°C
Storage Range
–55
+125
°C
Thermal Resistance,
θ
JC
7-Lead DDPAK, 7-Lead TO-220
3
°C/W
Thermal Resistance,
θ
JA
7-Lead DDPAK, 7-Lead TO-220
No Heat Sink
65
°C/W
NOTES: (1) Logic high enables output (normal operation). (2) Negative conventional current flows out of the terminals. (3) Constant dc output to PWM (pulse-width
modulated) time. (4) Maximum delay is determined by an external capacitor. Pulling the Delay Adjust pin low corresponds to an infinite (continuous) delay.
(5) Connecting the Delay Adjust pin to +5V reduces delay time to 3
µs. (6) V
IN at pin 3 to percent of duty cycle at pin 6. (7) A fault results from over-temperature,
over-current, or under-current conditions.


Similar Part No. - DRV102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102F BURR-BROWN-DRV102F Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102F TI-DRV102F Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102F/500 TI-DRV102F/500 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI-DRV102 Datasheet
452Kb / 23P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101_15 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com