Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP84910VHG-36 Datasheet(PDF) 11 Page - Texas Instruments

Part # DP84910VHG-36
Description  DP84910 DP84910-36 DP84910-50 Integrated Read Channel
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP84910VHG-36 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP84910VHG-36 Datasheet HTML 7Page - Texas Instruments DP84910VHG-36 Datasheet HTML 8Page - Texas Instruments DP84910VHG-36 Datasheet HTML 9Page - Texas Instruments DP84910VHG-36 Datasheet HTML 10Page - Texas Instruments DP84910VHG-36 Datasheet HTML 11Page - Texas Instruments DP84910VHG-36 Datasheet HTML 12Page - Texas Instruments DP84910VHG-36 Datasheet HTML 13Page - Texas Instruments DP84910VHG-36 Datasheet HTML 14Page - Texas Instruments DP84910VHG-36 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Absolute Maximum Ratings are those
values beyond which the safety of the device cannot be
guaranteed The device should not be operated at these
limits The parametric values defined in the ‘‘Electrical Char-
acterisitics’’ tables are not guaranteed at these ratings The
‘‘Operating Conditions’’ table will define the conditions for
actual device operation
Supply Voltage
7V
TTL Input Maximum Voltage
7V
Maximum Output Voltage
7V
Maximum Input Current (Analog Pins)
2 mA
(or as specified on per-pin basis)
ESD Susceptibility
1500V
(Note 1)
Operating Conditions guaranteed over operating temperature and supply voltage ranges unless otherwise speci-
fied Minimum andor maximum limits are guaranteed by outgoing testing unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
VCC
Supply Voltage
45
50
55
V
TA
Operation Ambient Temperature
0
70
C
TS
Storage Temperature
b
65
150
C
IOH
High Logic Level Output Current for TTL Outputs
(Note 2)
b
400
m
A
IOL
Low Logic Level Output Current for TTL Outputs
(Note 2)
8
mA
VIH
High Logic Level Input Voltage
2
V
VIL
Low Logic Level Input Voltage
08
V
CL
Capacitive Load on Any TTL Output
(Note 2)
15
pF
fNRZ
NRZ Transfer Rate Operating Frequency
-36
75
36
Mbs
-50
137
50
fVCO
Synchronizer VCO Operating Frequency
(Note 2)
15 fNRZ
MHz
fSTH
Synthesizer VCO Operating Frequency
(Note 2)
15 fNRZ
MHz
fXTL
Crystal Input Operating Frequency
(Note 2)
20
MHz
tPWH(XTL)
Width of XTLIN Pulse (High)
20
ns
tPWL(XTL)
Width of XTLIN Pulse (Low)
20
ns
tPWH(ERDIN)
Width of ERDIN Pulse (High)
15
9
ns
tPWL(ERDIN)
Width of ERDIN Pulse (Low)
10
5
ns
tPW(CRLS)
Width of CRLS Pulse (High or Low)
(Note 2)
50
ns
tSU(CRD)
CRD Setup Time with Respect to CRC
(Note 2)
20
ns
tH(CRD)
CRD Hold Time with Respect to CRC
(Note 2)
20
ns
tSU(CRLS)
CRLS Setup Time with Respect to CRC
(Note 2)
200
ns
tH(CRLS)
CRLS Hold Time with Respect to CRC
(Note 2)
20
ns
tPW(CRC)
CRC Pulse Width (High or Low)
(Note 2)
25
ns
IRNOM
RNOM Pin Current
90
130
170
m
A
Note 1
Human body model is used (120 pF through 15 kX)
Note 2
Parameter guaranteed by design or correlation data No outgoing tests are performed
Note 3
Typical values are specified at 25 C and 5V supply
http
www nationalcom
10


Similar Part No. - DP84910VHG-36

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84910VHG-36 NSC-DP84910VHG-36 Datasheet
377Kb / 32P
   Integrated Read Channel
More results

Similar Description - DP84910VHG-36

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
   Integrated Read Channel
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
logo
NTE Electronics
NTE3470 NTE-NTE3470 Datasheet
27Kb / 4P
   Integrated Circuit Floppy Disk Read Amplifier System
logo
STMicroelectronics
L6363 STMICROELECTRONICS-L6363 Datasheet
86Kb / 4P
   PRML READ/WRITE CHANNEL
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_15 Datasheet
190Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
   SINGLE CHIP READ & WRITE CHANNEL
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com