Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N24C Datasheet(PDF) 10 Page - Texas Instruments

Part # N24C
Description  DP83910A CMOS SNI Serial Network Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

N24C Datasheet(HTML) 10 Page - Texas Instruments

Back Button N24C Datasheet HTML 6Page - Texas Instruments N24C Datasheet HTML 7Page - Texas Instruments N24C Datasheet HTML 8Page - Texas Instruments N24C Datasheet HTML 9Page - Texas Instruments N24C Datasheet HTML 10Page - Texas Instruments N24C Datasheet HTML 11Page - Texas Instruments N24C Datasheet HTML 12Page - Texas Instruments N24C Datasheet HTML 13Page - Texas Instruments N24C Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
90 Switching Characteristics (Continued)
Receive Timing (End of Packet)
TLF9365 – 7
Receiver Specifications (End of Packet)
Symbol
Parameter
Min
Max
Units
tCRSoff
Carrier Sense Turn Off Delay (Note 1)
155
ns
tRXCh
Minimum Number of RXCs after CRS Low (Note 2)
5
Bit Times
Note 1
When CRS goes low it will go low a minimum of 2 receive clocks
Note 2
The DP8390 Network Interface Controller (NIC) requires a minimum of 5 receive clocks after CRS goes low to function properly
Collision Timing
TLF9365 – 8
Collision Specifications
Symbol
Parameter
Min
Max
Units
tCOLon
Collision Turn On Delay
60
ns
tCOLoff
Collision Turn Off Delay
350
ns
tDtoc
Differential Inputs Turn-On
30
ns
Pulse (Squelch Note 1)
Note 1
This parameter was characterized with a differential input of b375 mV on the collision input pair
9


Similar Part No. - N24C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
N24C FAIRCHILD-N24C Datasheet
50Kb / 5P
   Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
logo
Texas Instruments
N24C TI1-N24C Datasheet
313Kb / 18P
[Old version datasheet]   DP8573A Real Time Clock
logo
ON Semiconductor
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
N24C02 ONSEMI-N24C02 Datasheet
207Kb / 12P
   EEPROM Serial 2/4/8/16-Kb I2C
May, 2018 ??Rev. 2
N24C02UDTG ONSEMI-N24C02UDTG Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results

Similar Description - N24C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
   CMOS SNI Serial Network Interface
DP8391A NSC-DP8391A Datasheet
190Kb / 12P
   SNI Serial Network Interface
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
   Serial Network Interface
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
   Serial Network Interface Controller
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
Renesas Technology Corp
82C52 RENESAS-82C52 Datasheet
1,003Kb / 21P
   CMOS Serial Controller Interface
logo
Intersil Corporation
82C52 INTERSIL-82C52 Datasheet
398Kb / 20P
   CMOS Serial Controller Interface
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
   Network Interface
DS-20001 rev 09/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com