Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5053OAQLPG Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5053OAQLPG
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5053OAQLPG Datasheet(HTML) 4 Page - Texas Instruments

  DRV5053OAQLPG Datasheet HTML 1Page - Texas Instruments DRV5053OAQLPG Datasheet HTML 2Page - Texas Instruments DRV5053OAQLPG Datasheet HTML 3Page - Texas Instruments DRV5053OAQLPG Datasheet HTML 4Page - Texas Instruments DRV5053OAQLPG Datasheet HTML 5Page - Texas Instruments DRV5053OAQLPG Datasheet HTML 6Page - Texas Instruments DRV5053OAQLPG Datasheet HTML 7Page - Texas Instruments DRV5053OAQLPG Datasheet HTML 8Page - Texas Instruments DRV5053OAQLPG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DRV5053
SLIS153C – MAY 2014 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
–22(2)
40
V
Power supply voltage
Voltage ramp rate (VCC), VCC < 5 V
Unlimited
V/µs
Voltage ramp rate (VCC), VCC > 5 V
0
2
Output pin voltage
–0.5
2.5
V
Output pin reverse current during reverse supply condition
0
–20
mA
Magnetic flux density, BMAX
Unlimited
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Ensured by design. Only tested to –20 V.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2500
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Power supply voltage
2.5
38
V
VOUT
Output pin voltage (OUT)
0
2
V
ISOURCE
Output pin current source (OUT)
0
300
µA
ISINK
Output pin current sink (OUT)
0
2.3
mA
TA
Operating ambient temperature
–40
125
°C
6.4 Thermal Information
DRV5053
THERMAL METRIC(1)
DBZ (SOT-23)
LPG (TO-92)
UNIT
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
333.2
180
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
99.9
98.6
°C/W
RθJB
Junction-to-board thermal resistance
66.9
154.9
°C/W
ψJT
Junction-to-top characterization parameter
4.9
40
°C/W
ψJB
Junction-to-board characterization parameter
65.2
154.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DRV5053


Similar Part No. - DRV5053OAQLPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053OAQLPGMQ1 TI1-DRV5053OAQLPGMQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Analog-Bipolar Hall Effect Sensor
DRV5053OAQLPGQ1 TI1-DRV5053OAQLPGQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Analog-Bipolar Hall Effect Sensor
More results

Similar Description - DRV5053OAQLPG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053 TI-DRV5053_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI1-DRV5053-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Analog-Bipolar Hall Effect Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
   Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com