Electronic Components Datasheet Search |
|
DP83936AVUL-25 Datasheet(PDF) 9 Page - Texas Instruments |
|
DP83936AVUL-25 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 106 page 20 Pin Description (Continued) TABLE 2-1 Pin Description (Continued) Symbol Driver Direction Description Type NETWORK INTERFACE PINS (Continued) OSCIN I CRYSTAL FEEDBACK INPUT OR EXTERNAL OSCILLATOR INPUT This signal is used to provide clocking signals for the internal ENDEC A crystal may be connected to this pin along with OSCOUT or an oscillator module may be used See Section 813 for more information about using an oscillator or crystal OSCOUT TP O CRYSTAL FEEDBACK OUTPUT This signal is used to provide clocking signals for the internal ENDEC A crystal can be connected to this pin along with OSCIN See Section 813 for more information about using an oscillator or crystal BUS INTERFACE PINS (BOTH BUS MODES) BMODE I BUS MODE This input enables the SONIC-T to be compatible with standard microprocessor buses The level of this pin affects byte ordering (little or big endian) and controls the operation of the bus interface control signals A high level (tied to VCC) selects Motorola mode (big endian) and a low level (tied to ground) selects NationalIntel mode (little endian) Note the alternate pin definitions for AS ADS MRW MWR INT INT BR HOLD BG HLDA SRW SWR DSACK0 RDYo and DSACK1RDYi (See Sections 731 734 and 735 for bus interface information) D31 – D0 TRI I O Z DATA BUS These bidirectional lines are used to transfer data on the system bus When the SONIC-T is a bus master 16-bit data is transferred on D15 – D0 and 32-bit data is transferred on D31 – D0 When the SONIC-T is accessed as a slave register data is driven onto line D15 – D0 D31 – D16 are held TRI-STATE A31 – A1 TRI O Z ADDRESS BUS These signals are used by the SONIC-T to drive the DMA address after the SONIC-T has acquired the bus Since the SONIC-T aligns data to word boundaries only 31 address lines are needed RA5 – RA0 I REGISTER ADDRESS BUS These signals are used to access SONIC-T’s internal registers When the SONIC-T is accessed the CPU drives these lines to select the desired SONIC-T register RESET I RESET This signal is used to hardware reset the SONIC-T When asserted low the SONIC-T transitions into the reset state after 10 transmit clocks or 10 bus clocks if the bus clock period is greater than the transmit clock period S2–S0 TP O BUS STATUS These three signals provide a continuous status of the current SONIC-T bus operations See Section 733 for status definitions BSCK I BUS CLOCK This clock provides the timing for the SONIC-T DMA engine CS I CHIP SELECT The system asserts this pin low to access the SONIC-T’s registers The registers are selected by placing an address on lines RA5 – RA0 Note Both CS and MREQ must not be asserted concurrently If these signals are successively asserted there must be at least two bus clocks between the deasserting edge of the first signal and the asserting edge of the second signal http www nationalcom 8 |
Similar Part No. - DP83936AVUL-25 |
|
Similar Description - DP83936AVUL-25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |