Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV5053PAQLPGM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV5053PAQLPGM
Description  DRV5053 Analog-Bipolar Hall Effect Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV5053PAQLPGM Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV5053PAQLPGM Datasheet HTML 2Page - Texas Instruments DRV5053PAQLPGM Datasheet HTML 3Page - Texas Instruments DRV5053PAQLPGM Datasheet HTML 4Page - Texas Instruments DRV5053PAQLPGM Datasheet HTML 5Page - Texas Instruments DRV5053PAQLPGM Datasheet HTML 6Page - Texas Instruments DRV5053PAQLPGM Datasheet HTML 7Page - Texas Instruments DRV5053PAQLPGM Datasheet HTML 8Page - Texas Instruments DRV5053PAQLPGM Datasheet HTML 9Page - Texas Instruments DRV5053PAQLPGM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DRV5053
SLIS153C – MAY 2014 – REVISED DECEMBER 2015
www.ti.com
Magnetic Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT(1)
DRV5053RA: –45 mV/mT
VCC = 3.3 V
S
Sensitivity
–70
–45
–20
mV/mT
TA ≈ –40°C to 125°C
VCC = 3.3 V; ROUT = 10 kΩ;
VN
Output-referred noise
COUT = 50 pF
22
mVpp
TA ≈ –40°C to 125°C
VCC = 3.3 V
BSAT
Input saturation field
18
mT
TA ≈ –40°C to 125°C
DRV5053VA: –90 mV/mT
VCC = 3.3 V
S
Sensitivity
–140
–90
–45
mV/mT
TA ≈ –40°C to 125°C
VCC = 3.3 V; ROUT = 10 kΩ;
VN
Output-referred noise
COUT = 50 pF
44
mVpp
TA ≈ –40°C to 125°C
VCC = 3.3 V
BSAT
Input saturation field
9
mT
TA ≈ –40°C to 125°C
DRV5053CA: 23 mV/mT
VCC = 3.3 V
S
Sensitivity
10
23
35
mV/mT
TA ≈ –40°C to 125°C
VCC = 3.3 V; ROUT = 10 kΩ;
VN
Output-referred noise
COUT = 50 pF
11
mVpp
TA ≈ –40°C to 125°C
VCC = 3.3 V
BSAT
Input saturation field
35
mT
TA ≈ –40°C to 125°C
DRV5053EA: 45 mV/mT
VCC = 3.3 V
S
Sensitivity
20
45
70
mV/mT
TA ≈ –40°C to 125°C
VCC = 3.3 V; ROUT = 10 kΩ;
VN
Output-referred noise
COUT = 50 pF
22
mVpp
TA ≈ –40°C to 125°C
VCC = 3.3 V
BSAT
Input saturation field
18
mT
TA ≈ –40°C to 125°C
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DRV5053


Similar Part No. - DRV5053PAQLPGM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053PAQLPGMQ1 TI1-DRV5053PAQLPGMQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Analog-Bipolar Hall Effect Sensor
More results

Similar Description - DRV5053PAQLPGM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5053 TI-DRV5053_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI1-DRV5053-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Automotive Analog-Bipolar Hall Effect Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
   Bipolar Hall-Effect Digital Position Sensor ICs
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
   Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com