Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848M
Description  MII Serial Management Interface
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848M Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP83848M Datasheet HTML 6Page - Texas Instruments DP83848M Datasheet HTML 7Page - Texas Instruments DP83848M Datasheet HTML 8Page - Texas Instruments DP83848M Datasheet HTML 9Page - Texas Instruments DP83848M Datasheet HTML 10Page - Texas Instruments DP83848M Datasheet HTML 11Page - Texas Instruments DP83848M Datasheet HTML 12Page - Texas Instruments DP83848M Datasheet HTML 13Page - Texas Instruments DP83848M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.2
V
VIN
DC input voltage
–0.5
VCC + 0.5
V
VOUT
DC output voltage
–0.5
VCC + 0.5
V
Max case temperature
147.7
°C
TJ
Max die temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All parameters are specified by test, statistical analysis or design.
5.2
ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±1000
C101(3)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
RZAP = 1.5 kΩ, CZAP = 120 pF
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.3
±0.3
V
TA
Commerical - DP83848J/M
0
70
°C
Ambient temperature
Industrial - DP83848K/T
–40
85
Extreme - DP83848H
–40
125
PD
Power dissipation
264
mW
5.4
Thermal Information
DP83848x
THERMAL METRIC(1)
RTA [WQFN]
UNIT
40 PINS
RθJA
Junction-to-ambient thermal resistance
31.7
RθJC(top)
Junction-to-case (top) thermal resistance
8.8
RθJB
Junction-to-board thermal resistance
40.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
10.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
10
Specifications
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T


Similar Part No. - DP83848M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848M NSC-DP83848M Datasheet
912Kb / 72P
   PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848M NSC-DP83848M Datasheet
1,018Kb / 78P
   Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M Datasheet
1Mb / 80P
   PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848M TI1-DP83848M Datasheet
776Kb / 83P
[Old version datasheet]   PHYTER Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848MPHPEP TI-DP83848MPHPEP Datasheet
1Mb / 92P
[Old version datasheet]   MILITARY TEMPERATURE SINGLE PORT
More results

Similar Description - DP83848M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848Q-Q1 TI1-DP83848Q-Q1 Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
DP83848LFQ TI1-DP83848LFQ Datasheet
2Mb / 82P
[Old version datasheet]   MII Serial Management Interface
logo
List of Unclassifed Man...
ADM8511 ETC1-ADM8511 Datasheet
672Kb / 57P
   USB / FAST ETHERNET WITH MII INTERFACE
logo
Davicom Semiconductor, ...
DM8606C DAVICOM-DM8606C Datasheet
102Kb / 2P
   6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
   Serial Interface
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
   Serial Interface
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
   Two-wire serial interface Two-wire serial interface
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com