Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV2625YFFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2625YFFT
Description  DRV2625 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Built-In Library
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2625YFFT Datasheet(HTML) 4 Page - Texas Instruments

  DRV2625YFFT Datasheet HTML 1Page - Texas Instruments DRV2625YFFT Datasheet HTML 2Page - Texas Instruments DRV2625YFFT Datasheet HTML 3Page - Texas Instruments DRV2625YFFT Datasheet HTML 4Page - Texas Instruments DRV2625YFFT Datasheet HTML 5Page - Texas Instruments DRV2625YFFT Datasheet HTML 6Page - Texas Instruments DRV2625YFFT Datasheet HTML 7Page - Texas Instruments DRV2625YFFT Datasheet HTML 8Page - Texas Instruments DRV2625YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
4
DRV2625
SLOS879A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: DRV2625
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
VDD
–0.3
6
V
Input voltage
NRST
–0.3
6
V
SDA
–0.3
6
V
SCL
–0.3
6
V
TRIG/INTZ
–0.3
6
V
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
MIN
MAX
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
–1500
1500
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
–500
500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.7
5.5
V
RL
Load impedance
8
Ω
CL
Load capacitance
100
pF
ƒ(LRA)
LRA frequency
45
300
Hz
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
DRV2625
UNIT
DSBGA
9 PINS
RθJA
Junction-to-ambient thermal resistance
107
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.9
°C/W
RθJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
3.8
°C/W
ψJB
Junction-to-board characterization parameter
18.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
°C/W


Similar Part No. - DRV2625YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
DRV2624YFFR TI1-DRV2624YFFR Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
DRV2624YFFT TI1-DRV2624YFFT Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
More results

Similar Description - DRV2625YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2605 TI-DRV2605 Datasheet
672Kb / 6P
[Old version datasheet]   Haptic Driver for ERM and LRA with Built-In Library and Smart Loop Architecture
DRV2624 TI1-DRV2624 Datasheet
4Mb / 79P
[Old version datasheet]   DRV2624 Ultra Low Power Closed-Loop LRA/ERM Haptic Driver with Internal Memory
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Texas Instruments
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
DRV2604 TI-DRV2604 Datasheet
586Kb / 5P
[Old version datasheet]   Haptic Driver for ERM and LRA with Internal Memory and Smart Loop Architecture
DRV2603ERM TI1-DRV2603ERM Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
DRV2605L TI1-DRV2605L Datasheet
2Mb / 69P
[Old version datasheet]   DRV2605L 2 to 5.2 V Haptic Driver for LRA and ERM With Effect Library and Smart-Loop Architecture
logo
Dialog Semiconductor
DA7282 DIALOG-DA7282 Datasheet
1Mb / 77P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
logo
Renesas Technology Corp
DA7282 RENESAS-DA7282 Datasheet
1Mb / 88P
   LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
10-Feb-2022
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com