Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD25202W15 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD25202W15
Description  20V P-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25202W15 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD25202W15 Datasheet HTML 4Page - Texas Instruments CSD25202W15 Datasheet HTML 5Page - Texas Instruments CSD25202W15 Datasheet HTML 6Page - Texas Instruments CSD25202W15 Datasheet HTML 7Page - Texas Instruments CSD25202W15 Datasheet HTML 8Page - Texas Instruments CSD25202W15 Datasheet HTML 9Page - Texas Instruments CSD25202W15 Datasheet HTML 10Page - Texas Instruments CSD25202W15 Datasheet HTML 11Page - Texas Instruments CSD25202W15 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2.00±0.05
Ø1.50±0.10
Ø0.50±0.05
M0173-01
4.00±0.10
4.00±0.10
5°Max
5°Max
0.254±0.02
0.86±0.05
1.60±0.05
M0172-01
0.50
1
3
2
Ø0.25
B
A
C
CSD25202W15
www.ti.com
SLPS508A – JUNE 2014 – REVISED JULY 2014
7.2 Recommended Land Pattern
NOTE: All dimensions are in mm (unless otherwise specified)
7.3 Tape and Reel Information
NOTES: 1. 10-sprocket hole-pitch cumulative tolerance ±0.2
2. Camber not to exceed 1 mm in 100 mm, noncumulative over 250 mm
3. Material: black static-dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified).
5. Thickness: 0.30 ±0.05 mm
6. MSL1 260°C (IR and convection) PbF-reflow compatible
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD25202W15


Similar Part No. - CSD25202W15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
[Old version datasheet]   CSD25202W15 20-V P-Channel NexFET Power MOSFET
More results

Similar Description - CSD25202W15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25304W1015 TI1-CSD25304W1015 Datasheet
420Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
[Old version datasheet]   Dual 20V Common Source P-Channel NexFET Power MOSFET
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75301W1015 TI-CSD75301W1015 Datasheet
148Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com