Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1487M Datasheet(PDF) 4 Page - Texas Instruments

Part # DS1487M
Description  Low Power RS-485 Unit Load Multipoint Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS1487M Datasheet(HTML) 4 Page - Texas Instruments

  DS1487M Datasheet HTML 1Page - Texas Instruments DS1487M Datasheet HTML 2Page - Texas Instruments DS1487M Datasheet HTML 3Page - Texas Instruments DS1487M Datasheet HTML 4Page - Texas Instruments DS1487M Datasheet HTML 5Page - Texas Instruments DS1487M Datasheet HTML 6Page - Texas Instruments DS1487M Datasheet HTML 7Page - Texas Instruments DS1487M Datasheet HTML 8Page - Texas Instruments DS1487M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Switching Characteristics
Over Supply Voltage and Operating Temperature Ranges, unless otherwise specified (Notes 4, 8, 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLHD
Driver Differential Propagation Delay — Low to High
R
L =54Ω,CL = 100 pF
10
40
80
ns
t
PHLD
Driver Differential Propagation Delay — High to Low
10
39
80
ns
t
SKEW
Differential Skew |t
PHLD −tPLHD|0
1
10
ns
t
r
Driver Rise Time
325
50
ns
t
f
Driver Fall Time
325
50
ns
t
ZH
Driver Enable to Output High
C
L = 100 pF
50
200
ns
t
ZL
Driver Enable to Output Low
C
L = 100 pF
65
200
ns
t
LZ
Driver Disable from Output Low
C
L = 15 pF
80
200
ns
t
HZ
Driver Disable from Output High
C
L = 15 pF
80
200
ns
t
PLHD
Receiver Differential Propagation Delay — Low to High
C
L = 15 pF (RO)
30
190
400
ns
t
PHLD
Receiver Differential Propagation Delay — High to Low
30
210
400
ns
t
SKEW
Differential Skew |t
PHLD −tPLHD|
0
20
50
ns
t
ZH
Receiver Enable to Output High
C
L = 15 pF
45
150
ns
t
ZL
Receiver Enable to Output Low
40
150
ns
t
LZ
Receiver Disable from Output Low
50
150
ns
t
HZ
Receiver Disable from Output High
55
150
ns
f
max
Maximum Data Rate
(Note 10)
2.0
Mbps
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except VOD1/2/3and
VID.
Note 4: All typicals are given for: VCC = +5.0V, TA = +25˚C.
Note 5:
∆|VOD| and ∆|VOC| are changes in magnitude of VOD and VOC respectively, that occur when the input changes state.
Note 6: IIN2 includes the receiver input current and driver TRI-STATE leakage current.
Note 7: Supply current specification is valid for loaded transmitters when DE = 0V or enabled (DE = H) with no load.
Note 8: f = 1 MHz, tr and tf ≤ 6 ns, ZO =50Ω.
Note 9: CL includes jig and probe capacitance.
Note 10: fmax is the guaranteed data rate for 50 ft of twisted pair cable. fmax may be conservatively determined from the ratio of driver transition time (tr) to the data
rate unit interval (1/fmax). Using a 10% ratio yields fmax = (0.1)/50 ns = 2.0 Mb/s. Higher data rates may be supported by allowing larger ratios.
Parameter Measurement Information
DS012920-2
FIGURE 1. V
OD
DS012920-3
FIGURE 2. V
OD3
DS012920-4
FIGURE 3.
www.national.com
3


Similar Part No. - DS1487M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1487M NSC-DS1487M Datasheet
137Kb / 8P
   Low Power RS-485 1⁄4 Unit Load Multipoint Transceiver
More results

Similar Description - DS1487M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1487 NSC-DS1487 Datasheet
137Kb / 8P
   Low Power RS-485 1⁄4 Unit Load Multipoint Transceiver
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Sipex Corporation
SP481R SIPEX-SP481R Datasheet
74Kb / 9P
   1/10th Unit Load RS-485 Transceiver
logo
Exar Corporation
SP485R EXAR-SP485R Datasheet
608Kb / 9P
   1/10th Unit Load RS-485 Transceiver
logo
National Semiconductor ...
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS481 NSC-DS481 Datasheet
156Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com