Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV2511-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2511-Q1
Description  DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2511-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  DRV2511-Q1 Datasheet HTML 1Page - Texas Instruments DRV2511-Q1 Datasheet HTML 2Page - Texas Instruments DRV2511-Q1 Datasheet HTML 3Page - Texas Instruments DRV2511-Q1 Datasheet HTML 4Page - Texas Instruments DRV2511-Q1 Datasheet HTML 5Page - Texas Instruments DRV2511-Q1 Datasheet HTML 6Page - Texas Instruments DRV2511-Q1 Datasheet HTML 7Page - Texas Instruments DRV2511-Q1 Datasheet HTML 8Page - Texas Instruments DRV2511-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
OUT±
GND
STDBY
OUT+
AVDD
REG
INTZ
IN+
IN-
EN
FS1
FS0
FS2
GAIN
PVDD
BSTP
BSTN
Sole noid/
Voice-Coil
M
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV2511-Q1
SLOS916A – JUNE 2016 – REVISED JULY 2016
DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
1
1 Features
1
Wide Operating Voltage (4.5 V - 26 V)
Capable of handling voltage of 30 V
High Current Drive (8 A Peak)
Low RDS(on), Full H-Bridge Output
Integrated Fault Protection
Short-Circuit Protection
Over-temperature Protection
Over-Voltage and Under-Voltage Protection
Fault Reporting
Analog Input
Dedicated Interrupt Pin
AEC-Q100 Qualified with the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level H2
Device CDM ESD Classification Level C4B
2 Applications
Electromagnetic Actuator Driver
Voice Coil
Solenoid
Mechanical Button Replacement
Automotive Haptic Applications
Infotainment
Center-Console
Steering Wheel
Door-Panel
Seats
3 Description
The DRV2511-Q1 device is a high current haptic
driver specifically designed for inductive loads, such
as solenoids and voice coils.
The output stage consists of a full H-bridge capable
of delivering 8 A of peak current.
The
DRV2511-Q1
device
provides
protection
functions such as undervoltage lockout, over-current
protection and over-temperature protection.
The DRV2511-Q1 device is automotive qualified.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV2511-Q1
HTSSOP (32)
11 mm x 6.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DRV2511-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2510-Q1 TI1-DRV2510-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   DRV2510-Q1 3-A Automotive Haptic Driver for Solenoids and Voice Coils with Integrated Diagnostics
DRV2510QPWPRQ1 TI1-DRV2510QPWPRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   DRV2510-Q1 3-A Automotive Haptic Driver for Solenoids and Voice Coils with Integrated Diagnostics
More results

Similar Description - DRV2511-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2510-Q1 TI1-DRV2510-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   DRV2510-Q1 3-A Automotive Haptic Driver for Solenoids and Voice Coils with Integrated Diagnostics
DRV2605L-Q1 TI1-DRV2605L-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive Haptic Driver for LRA and ERM
logo
Diodes Incorporated
PAM8016 DIODES-PAM8016 Datasheet
500Kb / 10P
   HAPTIC DRIVER FOR ERM AND LRA
logo
Burr-Brown (TI)
DRV104 BURR-BROWN-DRV104 Datasheet
350Kb / 18P
   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Texas Instruments
DRV104 TI1-DRV104_16 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A PWM High-Side Driver for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Burr-Brown (TI)
DRV103UG4 BURR-BROWN-DRV103UG4 Datasheet
1Mb / 24P
   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
logo
Renesas Technology Corp
DA7280-A RENESAS-DA7280-A Datasheet
1Mb / 80P
   Wideband LRA/ERM Haptic Driver for Automotive Applications
01-Mar-2022
logo
Texas Instruments
DRV103 TI-DRV103 Datasheet
446Kb / 14P
[Old version datasheet]   PWM LOW-SIDE DRIVER (1.5A and 3A) for Solenoids, Coils, Valves, Heaters, and Lamps
LM61495-Q1 TI-LM61495-Q1_V02 Datasheet
4Mb / 64P
[Old version datasheet]   LM62460-Q1, LM61480-Q1, and LM61495-Q1 Pin-Compatible 6-A/8-A/10-A Automotive Buck Converter Optimized for Power Density and Low EMI
REVISED AUGUST 2021
LM61495-Q1 TI-LM61495-Q1_V01 Datasheet
2Mb / 50P
[Old version datasheet]   LM62460-Q1, LM61480/95-Q1, Pin Compatible 6-A/8-A/10-A Automotive Buck Optimized for Power Density and Low EMI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com