Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV2510-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV2510-Q1
Description  DRV2510-Q1 3-A Automotive Haptic Driver for Solenoids and Voice Coils with Integrated Diagnostics
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV2510-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  DRV2510-Q1 Datasheet HTML 1Page - Texas Instruments DRV2510-Q1 Datasheet HTML 2Page - Texas Instruments DRV2510-Q1 Datasheet HTML 3Page - Texas Instruments DRV2510-Q1 Datasheet HTML 4Page - Texas Instruments DRV2510-Q1 Datasheet HTML 5Page - Texas Instruments DRV2510-Q1 Datasheet HTML 6Page - Texas Instruments DRV2510-Q1 Datasheet HTML 7Page - Texas Instruments DRV2510-Q1 Datasheet HTML 8Page - Texas Instruments DRV2510-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
EN
GND
REG
SDA
SCL
VDD
GND
INTZ
BSTP
OUT+
15
16
14
13
12
2
1
3
4
5
IN-
IN+
STDBY
BSTN
OUT-
GND
10
11
9
7
6
8
3
DRV2510-Q1
www.ti.com
SLOS919A – JUNE 2016 – REVISED JUNE 2016
Product Folder Links: DRV2510-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
TWP
HTSSOP 16-Pin With Thermal Pad
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
1, 9, 16
P
Ground.
EN
2
I
Device enable pin.
REG
3
P
Internally generated gate voltage supply. Not to be used as a supply or connected to any component other than a 1
µF X7R ceramic decoupling capacitor and the MODE resistor divider.
SDA
4
I
I2C data.
SCL
5
I
I2C clock.
IN+
6
I
Positive differential input.
IN-
7
I
Negative differential input.
STDBY
8
I
Standby pin.
BSTN
10
P
Boot strap for negative output, connect to 220 nF X5R, or better ceramic cap to OUT-.
OUT-
11
O
Negative output.
OUT+
12
O
Positive output.
BSTP
13
P
Boot strap for positive output, connect to 220 nF X5R, or better ceramic cap to OUT+.
INTZ
14
O
General fault reporting. Open drain.
INTZ = High, normal operation
INTZ = Low, fault condition
VDD
15
P
Power supply.
Thermal Pad
G
Connect to GND for best system performance. If not connected to GND, leave floating.


Similar Part No. - DRV2510-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV2511QDAPRQ1 TI1-DRV2511QDAPRQ1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
More results

Similar Description - DRV2510-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV2511-Q1 TI1-DRV2511-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   DRV2511-Q1 8-A Automotive Haptic Driver for Solenoids and Voice Coils
DRV8243-Q1 TI-DRV8243-Q1_V01 Datasheet
3Mb / 75P
[Old version datasheet]   DRV8243-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8245-Q1 TI-DRV8245-Q1_V02 Datasheet
3Mb / 77P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8145-Q1 TI-DRV8145-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8145-Q1 TI-DRV8145-Q1_V02 Datasheet
2Mb / 65P
[Old version datasheet]   DRV8145-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8245-Q1 TI-DRV8245-Q1 Datasheet
3Mb / 76P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
SLVSFJ1 ??AUGUST 2021
DRV8143-Q1 TI-DRV8143-Q1_V01 Datasheet
3Mb / 71P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
DRV8242-Q1 TI1-DRV8242-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   DRV8242-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
NOVEMBER 2023
DRV8245-Q1 TI-DRV8245-Q1_V04 Datasheet
3Mb / 80P
[Old version datasheet]   DRV8245-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED AUGUST 2022
DRV8143-Q1 TI1-DRV8143-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   DRV8143-Q1 Automotive Half Bridge Driver with Integrated Current Sense and Diagnostics
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com