Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD19502Q5B Datasheet(PDF) 11 Page - Texas Instruments

Part # CSD19502Q5B
Description  80V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19502Q5B Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD19502Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 9Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 10Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 11Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 12Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 13Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ø 1.50
+0.10
–0.00
4.00 ±0.10 (See Note 1)
R 0.30 TYP
Ø 1.50 MIN
A0
K0
0.30 ±0.05
R 0.30 MAX
A0 = 6.50 ±0.10
B0 = 5.30 ±0.10
K0 = 1.40 ±0.10
M0138-01
2.00 ±0.05
8.00 ±0.10
B0
CSD19502Q5B
www.ti.com
SLPS413A – DECEMBER 2013 – REVISED JUNE 2014
7.4 Q5B Tape and Reel Information
Notes:
1. 10-sprocket hole-pitch cumulative tolerance ±0.2
2. Camber not to exceed 1 mm in 100 mm, noncumulative over 250 mm
3. Material: black static-dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified).
5. A0 and B0 measured on a plane 0.3 mm above the bottom of the pocket.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CSD19502Q5B


Similar Part No. - CSD19502Q5B_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19502Q5B_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
[Old version datasheet]   80V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com