Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18541F5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18541F5
Description  60V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18541F5 Datasheet(HTML) 3 Page - Texas Instruments

  CSD18541F5 Datasheet HTML 1Page - Texas Instruments CSD18541F5 Datasheet HTML 2Page - Texas Instruments CSD18541F5 Datasheet HTML 3Page - Texas Instruments CSD18541F5 Datasheet HTML 4Page - Texas Instruments CSD18541F5 Datasheet HTML 5Page - Texas Instruments CSD18541F5 Datasheet HTML 6Page - Texas Instruments CSD18541F5 Datasheet HTML 7Page - Texas Instruments CSD18541F5 Datasheet HTML 8Page - Texas Instruments CSD18541F5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
CSD18541F5
www.ti.com
SLPS571 – MAY 2016
Product Folder Links: CSD18541F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = 250 μA
60
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 48 V
1
µA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
10
µA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = 250 μA
1.4
1.75
2.2
V
RDS(on)
Drain-to-source on-resistance
VGS = 4.5 V, IDS = 1 A
57
75
m
VGS = 10 V, IDS = 1 A
54
65
m
gfs
Transconductance
VDS = 6 V, IDS = 1 A
7.7
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 30 V,
ƒ = 1 MHz
598
777
pF
Coss
Output capacitance
47
61
pF
Crss
Reverse transfer capacitance
8.1
10.5
pF
RG
Series gate resistance
1200
1600
Qg
Gate charge total (10 V)
VDS = 30 V, IDS = 1 A
11
14
nC
Qgd
Gate charge gate-to-drain
1.6
nC
Qgs
Gate charge gate-to-source
1.5
nC
Qg(th)
Gate charge at Vth
0.8
nC
Qoss
Output charge
VDS = 30 V, VGS = 0 V
3.2
nC
td(on)
Turn on delay time
VDS = 30 V, VGS = 4.5 V,
IDS = 1 A, RG = 0 Ω
572
ns
tr
Rise time
540
ns
td(off)
Turn off delay time
1076
ns
tf
Fall time
496
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 1 A, VGS = 0 V
0.8
1
V
(1)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
85
°C/W
Junction-to-ambient thermal resistance(2)
245
°C/W


Similar Part No. - CSD18541F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18540Q5B TI1-CSD18540Q5B Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD18540Q5B ISC-CSD18540Q5B Datasheet
362Kb / 3P
   N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18540Q5BT TI1-CSD18540Q5BT Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD18541F5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13383F4 TI1-CSD13383F4 Datasheet
764Kb / 13P
[Old version datasheet]   N-Channel FemtoFET MOSFET
CSD17382F4 TI1-CSD17382F4 Datasheet
591Kb / 13P
[Old version datasheet]   30V N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
[Old version datasheet]   30-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com