Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD18537NQ5A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18537NQ5A
Description  60V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18537NQ5A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD18537NQ5A Datasheet HTML 5Page - Texas Instruments CSD18537NQ5A Datasheet HTML 6Page - Texas Instruments CSD18537NQ5A Datasheet HTML 7Page - Texas Instruments CSD18537NQ5A Datasheet HTML 8Page - Texas Instruments CSD18537NQ5A Datasheet HTML 9Page - Texas Instruments CSD18537NQ5A Datasheet HTML 10Page - Texas Instruments CSD18537NQ5A Datasheet HTML 11Page - Texas Instruments CSD18537NQ5A Datasheet HTML 12Page - Texas Instruments CSD18537NQ5A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CSD18537NQ5A
www.ti.com
SLPS391B – JUNE 2013 – REVISED JULY 2014
7.1 Q5A Package Dimensions
MILLIMETERS
DIM
MIN
NOM
MAX
A
0.90
1.00
1.10
b
0.33
0.41
0.51
c
0.20
0.25
0.34
D1
4.80
4.90
5.00
D2
3.61
3.81
4.02
E
5.90
6.00
6.10
E1
5.70
5.75
5.80
E2
3.38
3.58
3.78
E3
3.03
3.13
3.23
e
1.17
1.27
1.37
e1
0.27
0.37
0.47
e2
0.15
0.25
0.35
H
0.41
0.56
0.71
K
1.10
L
0.51
0.61
0.71
L1
0.06
0.13
0.20
θ
12°
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD18537NQ5A


Similar Part No. - CSD18537NQ5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
More results

Similar Description - CSD18537NQ5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com