Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17575Q3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17575Q3
Description  30V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17575Q3 Datasheet(HTML) 3 Page - Texas Instruments

  CSD17575Q3 Datasheet HTML 1Page - Texas Instruments CSD17575Q3 Datasheet HTML 2Page - Texas Instruments CSD17575Q3 Datasheet HTML 3Page - Texas Instruments CSD17575Q3 Datasheet HTML 4Page - Texas Instruments CSD17575Q3 Datasheet HTML 5Page - Texas Instruments CSD17575Q3 Datasheet HTML 6Page - Texas Instruments CSD17575Q3 Datasheet HTML 7Page - Texas Instruments CSD17575Q3 Datasheet HTML 8Page - Texas Instruments CSD17575Q3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD17575Q3
www.ti.com
SLPS489A – JUNE 2014 – REVISED AUGUST 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = ±20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.1
1.4
1.8
V
VGS = 4.5 V, ID = 25 A
2.6
3.2
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V, ID = 25 A
1.9
2.3
gƒs
Transconductance
VDS = 3 V, ID = 25 A
118
S
DYNAMIC CHARACTERISTICS
CISS
Input Capacitance
3400
4420
pF
COSS
Output Capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
393
511
pF
CRSS
Reverse Transfer Capacitance
157
204
pF
Rg
Series Gate Resistance
0.9
1.8
Qg
Gate Charge Total (4.5 V)
23
30
nC
Qgd
Gate Charge Gate-to-Drain
5.4
nC
VDS = 15 V, ID = 25 A
Qgs
Gate Charge Gate-to-Source
8.5
nC
Qg(th)
Gate Charge at Vth
4.6
nC
QOSS
Output Charge
VDS = 15 V, VGS = 0 V
11.6
nC
td(on)
Turn On Delay Time
4
ns
tr
Rise Time
10
ns
VDS = 15 V, VGS = 4.5 V ID = 25 A
RG = 2 Ω
td(off)
Turn Off Delay Time
20
ns
tƒ
Fall Time
3
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
IS = 25 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
15
nC
VDD = 15 V, IF = 25 A, di/dt = 300 A/μs
trr
Reverse Recovery Time
13
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
1.5
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
55
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), Cu pad on a 1.5-inches × 1.5-inches thick FR4 PCB. R
θJC is
specified by design, whereas R
θJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 2-oz.Cu.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17575Q3


Similar Part No. - CSD17575Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD17575Q3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com