Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17556Q5BT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17556Q5BT
Description  30 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17556Q5BT Datasheet(HTML) 2 Page - Texas Instruments

  CSD17556Q5BT Datasheet HTML 1Page - Texas Instruments CSD17556Q5BT Datasheet HTML 2Page - Texas Instruments CSD17556Q5BT Datasheet HTML 3Page - Texas Instruments CSD17556Q5BT Datasheet HTML 4Page - Texas Instruments CSD17556Q5BT Datasheet HTML 5Page - Texas Instruments CSD17556Q5BT Datasheet HTML 6Page - Texas Instruments CSD17556Q5BT Datasheet HTML 7Page - Texas Instruments CSD17556Q5BT Datasheet HTML 8Page - Texas Instruments CSD17556Q5BT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD17556Q5B
SLPS392B – MARCH 2013 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical, Packaging, and Orderable
4
Revision History..................................................... 2
Information ............................................................. 8
5
Specifications......................................................... 3
7.1
Q5B Package Dimensions ........................................ 8
5.1
Electrical Characteristics........................................... 3
7.2
Recommended PCB Pattern..................................... 9
5.2
Thermal Information .................................................. 3
7.3
Recommended Stencil Pattern ................................. 9
5.3
Typical MOSFET Characteristics .............................. 4
7.4
Q5B Tape and Reel Information ............................. 10
6
Device and Documentation Support.................... 7
4 Revision History
Changes from Revision A (October 2013) to Revision B
Page
Increased max pulsed drain current to 400 A ....................................................................................................................... 1
Updated pulsed drain current conditions ............................................................................................................................... 1
Updated Figure 1 to a normalized RθJC curve ....................................................................................................................... 4
Updated the SOA in Figure 10 .............................................................................................................................................. 6
Updated the mechanical drawing and dimensions table to show previously unknown dimensions ...................................... 8
Changes from Original (March 2013) to Revision A
Page
Updated the dimensions table in the Mechanical Data Section to include DIM "H" values ................................................... 8
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD17556Q5B


Similar Part No. - CSD17556Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17556Q5B TI-CSD17556Q5B Datasheet
1Mb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17556Q5BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com