Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD16340Q3T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16340Q3T
Description  CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16340Q3T Datasheet(HTML) 3 Page - Texas Instruments

  CSD16340Q3T Datasheet HTML 1Page - Texas Instruments CSD16340Q3T Datasheet HTML 2Page - Texas Instruments CSD16340Q3T Datasheet HTML 3Page - Texas Instruments CSD16340Q3T Datasheet HTML 4Page - Texas Instruments CSD16340Q3T Datasheet HTML 5Page - Texas Instruments CSD16340Q3T Datasheet HTML 6Page - Texas Instruments CSD16340Q3T Datasheet HTML 7Page - Texas Instruments CSD16340Q3T Datasheet HTML 8Page - Texas Instruments CSD16340Q3T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CSD16340Q3
www.ti.com
SLPS247E – DECEMBER 2009 – REVISED AUGUST 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = 250 μA
25
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 20 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = +10/–8 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = 250 μA
0.6
0.85
1.1
V
VGS = 2.5 V, IDS = 20 A
6.1
7.8
m
RDS(on)
Drain-to-Source On-Resistance
VGS = 4.5 V, IDS = 20 A
4.3
5.5
m
VGS = 8 V, IDS = 20 A
3.8
4.5
m
gƒs
Transconductance
VDS = 15 V, IDS = 20 A
121
S
DYNAMIC CHARACTERISTICS
CISS
Input Capacitance
1050
1350
pF
COSS
Output Capacitance
VGS = 0 V, VDS = 12.5 V, ƒ = 1 MHz
730
950
pF
CRSS
Reverse Transfer Capacitance
53
69
pF
Rg
Series Gate Resistance
1.5
3
Qg
Gate Charge Total (4.5 V)
6.5
9.2
nC
Qgd
Gate Charge Gate-to-Drain
1.2
nC
VDS = 12.5 V, ID = 20 A
Qgs
Gate Charge Gate-to-Source
2.1
nC
Qg(th)
Gate Charge at Vth
1
nC
QOSS
Output Charge
VDS = 13 V, VGS = 0 V
15
nC
td(on)
Turn On Delay Time
4.8
ns
tr
Rise Time
16.1
ns
VDS = 12.5 V, VGS = 4.5 V, ID = 20 A
RG = 2 Ω
td(off)
Turn Off Delay Time
13.8
ns
tƒ
Fall Time
5.2
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
IS = 20 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
14.5
nC
VDD = 13 V, IF = 20 A, di/dt = 300 A/μs
trr
Reverse Recovery Time
20
ns
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD16340Q3


Similar Part No. - CSD16340Q3T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16340Q3 TI-CSD16340Q3 Datasheet
241Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
More results

Similar Description - CSD16340Q3T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3_16 Datasheet
425Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI1-CSD16570Q5B_16 Datasheet
410Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
CSD16570Q5B TI-CSD16570Q5B_15 Datasheet
920Kb / 15P
[Old version datasheet]   CSD16570Q5B 25-V N-Channel NexFET Power MOSFET
CSD16321Q5 TI-CSD16321Q5_V01 Datasheet
602Kb / 13P
[Old version datasheet]   CSD16321Q5 25-V N-Channel NexFET??Power MOSFET
MAY 2017
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com