Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCVF2509PWG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2509PWG4
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2509PWG4 Datasheet(HTML) 2 Page - Texas Instruments

  CDCVF2509PWG4 Datasheet HTML 1Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 2Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 3Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 4Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 5Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 6Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 7Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 8Page - Texas Instruments CDCVF2509PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1Y2
1Y1
1Y0
PLL
FBIN
AVCC
2G
CLK
1G
2Y2
2Y1
2Y0
2Y3
FBOUT
1Y3
1Y4
11
14
24
13
23
3
4
5
8
9
21
20
17
16
12
NOT RECOMMENDED FOR NEW DESIGNS, USE CDCVF2509A AS A REPLACEMENT
CDCVF2509
SCAS737D – APRIL 2004 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION CONTINUED
Because it is based on PLL circuitry, the CDCVF2509 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application of a
fixed-frequency, fixed-phase signal at CLK, and following any changes to the PLL reference or feedback signals.
The PLL can be bypassed by strapping AVCC to ground.
The CDCVF2509A is characterized for operation from 0°C to 85°C.
For application information, see application reports High Speed Distribution Design Techniques for
CDC509/516/2509/2510/2516 (SLMA003) and Using CDC2509A/2510A PLL with Spread Spectrum Clocking
(SSC) (SCAA039).
FUNCTION TABLE
INPUTS
OUTPUTS
1G
2G
CLK
1Y (0:4)
2Y (0:3)
FBOUT
X
X
L
L
L
L
L
L
H
L
L
H
L
H
H
L
H
H
H
L
H
H
L
H
H
H
H
H
H
H
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCVF2509


Similar Part No. - CDCVF2509PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2509PW TI-CDCVF2509PW Datasheet
144Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2509PWR TI-CDCVF2509PWR Datasheet
144Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCVF2509PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com