Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR820NJYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS125BR820NJYR
Description  Low-Power 12.5 Gbps 8-Channel Linear Repeater
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR820NJYR Datasheet(HTML) 1 Page - Texas Instruments

  DS125BR820NJYR Datasheet HTML 1Page - Texas Instruments DS125BR820NJYR Datasheet HTML 2Page - Texas Instruments DS125BR820NJYR Datasheet HTML 3Page - Texas Instruments DS125BR820NJYR Datasheet HTML 4Page - Texas Instruments DS125BR820NJYR Datasheet HTML 5Page - Texas Instruments DS125BR820NJYR Datasheet HTML 6Page - Texas Instruments DS125BR820NJYR Datasheet HTML 7Page - Texas Instruments DS125BR820NJYR Datasheet HTML 8Page - Texas Instruments DS125BR820NJYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
VDD
INA_0+
INA_0-
AD0
AD1
AD2
AD3
ENSMB
SCL
(2)
READ_EN
ALL_DONE
SDA
(2)
OUTA_0+
OUTA_0-
.
.
.
.
.
.
GND
.
.
.
(1) Schematic requires different connections for SMBus Master Mode and Pin Mode
(2) SMBus signals need to be pulled up elsewhere in the system.
(3) Schematic requires different connections for 3.3 V mode
.
.
.
VDD
To system
SMBus
Address
straps
(pull-up or
pull-down)
1F
0.1F
(5x)
SMBus
Slave Mode
(1)
2.5V
.
.
.
INA_3+
INA_3-
OUTA_3+
OUTA_3-
SMBus
Slave Mode
(1)
VDD_SEL
VIN
2.5 V
Mode
(3)
INB_0+
INB_0-
OUTB_0+
OUTB_0-
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
INB_3+
INB_3-
OUTB_3+
OUTB_3-
10F
Line Card
DS125BR820
2x40G
DS125BR820
ASIC
FPGA
2x40G
DS125BR820
8x10G
DS125BR820
8x10G
Stacked QSFP+
40GbE Copper CR4 or
40GbE SR4/LR4 Optical
Stacked QSFP+
1xQSFP+ to 4xSFP+
Breakout
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DS125BR820
SNLS491B – JULY 2014 – REVISED FEBRUARY 2015
DS125BR820 Low-Power 12.5 Gbps 8-Channel Linear Repeater
1 Features
3 Description
The DS125BR820 is an extremely low-power high-
1
Low 70 mW/Channel (Typ) Power Consumption,
performance repeater/redriver designed to support
with Option to Power Down Unused Channels
eight channels carrying high speed interface up to
Seamless Link Training Support
12.5 Gbps, such as 40G-CR4, 40G-KR4, SAS/SATA,
Enables Host ASIC to Meet Front-Port Eye Mask
and PCIe. The receiver's continuous time linear
equalizer (CTLE) provides high frequency boost that
Requirements over Longer Reach
is programmable from 3 to 10 dB at 6 GHz (12 Gbps)
Advanced Configurable Signal Conditioning I/O
followed by a linear output driver. The CTLE receiver
Receive CTLE up to 10 dB at 6 GHz
is capable of opening an input eye that is completely
Linear Output Driver
closed due to inter symbol interference (ISI) induced
by interconnect medium such as board traces or twin
Variable Output Voltage Range up to 1200
axial-copper cables. The programmable equalization
mVp-p
maximizes the flexibility of physical placement within
Programmable via Pin Selection, EEPROM, or
the
interconnect
channel
and
improves
overall
SMBus Interface
channel performance.
Single Supply Voltage: 2.5 V or 3.3 V
When operating in 40G-CR4/KR4, SAS/SATA, and
−40°C to 85°C Operating Temperature Range
PCIe
applications,
the
DS125BR820
preserves
transmit signal characteristics, thereby allowing the
Flow-Thru Layout in 10 mm × 5.5 mm 54-Pin
host controller and the end point to negotiate transmit
Leadless WQFN Package
equalizer coefficients. This transparency in the link
training
protocol
facilitates
system
level
2 Applications
interoperability and minimizes latency.
Front-Port 40G-CR4/SR4/LR4 Link Extension
The programmable settings can be applied easily via
Backplane 40G-KR4 Link Extension
pin control, software (SMBus or I2C), or direct loading
SAS/SATA/PCIe Link Extension
from an external EEPROM. In EEPROM mode, the
configuration information is automatically loaded on
Other Proprietary High Speed Interfaces up to
power up, thereby eliminating the need for an
12.5 Gbps
external microprocessor or software driver.
Simplified Functional Block Diagram
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS125BR820
WQFN (54)
10 mm × 5.5 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DS125BR820NJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
logo
TEXAS ADVANCED OPTOELEC...
DS125BR800AEVM TAOS-DS125BR800AEVM Datasheet
708Kb / 18P
   SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
logo
Texas Instruments
DS125BR800ANJYR TI1-DS125BR800ANJYR Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
More results

Similar Description - DS125BR820NJYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS80PCI810 TI1-DS80PCI810 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power 8 Gbps 8-Channel Linear Repeater
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
logo
Texas Instruments
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com