Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR111 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS125BR111
Description  Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR111 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS125BR111 Datasheet HTML 2Page - Texas Instruments DS125BR111 Datasheet HTML 3Page - Texas Instruments DS125BR111 Datasheet HTML 4Page - Texas Instruments DS125BR111 Datasheet HTML 5Page - Texas Instruments DS125BR111 Datasheet HTML 6Page - Texas Instruments DS125BR111 Datasheet HTML 7Page - Texas Instruments DS125BR111 Datasheet HTML 8Page - Texas Instruments DS125BR111 Datasheet HTML 9Page - Texas Instruments DS125BR111 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
DS125BR111
SNLS430C – OCTOBER 2012 – REVISED AUGUST 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage (VDD - 2.5 V)
-0.5
+2.75
V
Supply Voltage (VIN - 3.3 V)
-0.5
+4.0
V
LVCMOS Input/Output Voltage
-0.5
+4.0
V
CML Input Voltage
-0.5
VDD + 0.5
V
CML Input Current
-30
+30
mA
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
-40
125
°C
Tsolder
Lead Temperature Range Soldering (4 sec.)(1)
260
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
-5000
5000
pins(2)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
-1250
1250
JESD22-C101, all pins(3)
(1)
For soldering specifications: See application note SNOA549.
(2)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply Voltage (2.5 V mode)
2.375
2.5
2.625
V
Supply Voltage (3.3 V mode)
3.0
3.3
3.6
V
Ambient Temperature
-40
25
+85
°C
SMBus (SDA, SCL)
3.6
V
Supply Noise up to 50 MHz(1)
100
mVp-p
(1)
Allowed supply noise (mVp-p sine wave) under typical conditions.
7.4 Thermal Information
DS125BR111
THERMAL METRIC(1)
RTW
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
35.0
RθJC(top)
Junction-to-case (top) thermal resistance
34.0
RθJB
Junction-to-board thermal resistance
13.4
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
13.4
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: DS125BR111


Similar Part No. - DS125BR111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR111 TI-DS125BR111 Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
More results

Similar Description - DS125BR111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS80PCI102 TI1-DS80PCI102_15 Datasheet
3Mb / 46P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 1-Lane PCI-Express Repeater With Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com