Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS110DF410 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS110DF410
Description  Low Power Multi-Rate Quad Channel Retimer
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS110DF410 Datasheet(HTML) 1 Page - Texas Instruments

  DS110DF410 Datasheet HTML 1Page - Texas Instruments DS110DF410 Datasheet HTML 2Page - Texas Instruments DS110DF410 Datasheet HTML 3Page - Texas Instruments DS110DF410 Datasheet HTML 4Page - Texas Instruments DS110DF410 Datasheet HTML 5Page - Texas Instruments DS110DF410 Datasheet HTML 6Page - Texas Instruments DS110DF410 Datasheet HTML 7Page - Texas Instruments DS110DF410 Datasheet HTML 8Page - Texas Instruments DS110DF410 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
Line Card
Switch Fabric
ASIC
Back
Plane/
Mid
Plane
Optical Modules
DS110DF410
Passive Copper
ASIC
x4
x4
x4
x4
Noisy Signal
Clean Signal
DS110DF410
10GbE
Fibre Channel
InfiniBand
SONET
Others
SFP+ (SFF8431)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DS110DF410
SNLS397D – OCTOBER 2011 – REVISED APRIL 2015
DS110DF410 Low Power Multi-Rate Quad Channel Retimer
1 Features
2 Applications
1
Each Channel Independently Locks to Data Rates
Front Port SFF 8431 (SFP+) Optical and Direct
from 8.5 to 11.3 Gbps and Sub-rates
Attach Copper
Support for Subrates of Divide by 2/4/8
Backplane Reach Extension, Data Retimer
Fast Lock Operation Based on Protocol-Select
Ethernet: 10GbE, 1GbE
Mode
Fibre-Channel, InfiniBand
Low Latency (~300ps)
Other Propriety Data Rates up to 11.3 Gbps
Adaptive Equalization up to 34-dB Boost at 5 GHz
3 Description
Adjustable Transmit VOD: 600 to 1300 mVp-p
The DS110DF410 is a four channel retimer with
Adjustable Transmit De-emphasis to –12 dB
integrated signal conditioning. The device includes a
Typical Power Dissipation (EQ+DFE+CDR+DE):
fully
adaptive
Continuous-Time
Linear
Equalizer
180 mW/Channel
(CTLE), self calibrating 5-tap Decision Feedback
Programmable Output Polarity Inversion
Equalizer (DFE), Clock and Data Recovery (CDR),
and transmit De-Emphasis (DE) driver to enable data
Input Signal Detection, CDR Lock
transmission over long, lossy and crosstalk-impaired
Detection/Indicator
highspeed serial links to achieve BER < 1×10-15.
On-Chip Eye Monitor (EOM), PRBS Generator
Each channel can independently lock to data rates
Single 2.5-V ±5% Power Supply
from 8.5 to 11.3 Gbps, and associated sub rates (div
SMBus/EEPROM Configuration Modes
by 2, 4 and 8) to support a variety of communication
Operating Temperature Range of –40 to 85°C
protocols. A 25-MHz crystal oscillator clock is used to
speed up the CDR lock process. This clock is not
WQFN 48-Pin 7-mm × 7-mm Package
used for training the PLL and does not need to be
Easy Pin Compatible Upgrade Between Repeater
synchronous with the serial data.
and Retimers
The programmable settings can be applied using the
DS100RT410 (EQ+CDR+DE): 10.3125 Gbps
SMBus (I2C) interface, or they can be loaded via an
DS100DF410 (EQ+DFE+CDR+DE): 10.3125
external EEPROM. An on-chip eye monitor and a
Gbps
PRBS generator allow real-time measurement of
high-speed serial data for system bring-up or field
DS110RT410 (EQ+CDR+DE): 8.5 - 11.3 Gbps
tuning.
DS110DF410 (EQ+DFE+CDR+DE): 8.5 - 11.3
Gbps
Device Information(1)
DS125RT410 (EQ+CDR+DE): 9.8 - 12.5 Gbps
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS125DF410 (EQ+DFE+CDR+DE): 9.8 - 12.5
DS110DF410
WQFN (48)
7.00 mm x 7.00 mm
Gbps
(1) For all available packages, see the orderable addendum at
DS100BR410 (EQ+DE): Up to 10.3125 Gbps
the end of the datasheet.
4 Typical Application Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DS110DF410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results

Similar Description - DS110DF410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110RT410 TI1-DS110RT410_15 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS125DF410 TI1-DS125DF410_14 Datasheet
905Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410 Datasheet
213Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_14 Datasheet
899Kb / 45P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI1-DS125RT410_15 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power Multi-Rate Quad Channel Retimer
DS110RT410 TI-DS110RT410 Datasheet
882Kb / 40P
[Old version datasheet]   DS110RT410 Low Power Multi-Rate Quad Channel Retimer
DS125RT410 TI-DS125RT410 Datasheet
884Kb / 42P
[Old version datasheet]   DS125RT410 Low Power Multi-Rate Quad Channel Retimer
DS125DF410 TI-DS125DF410_13 Datasheet
905Kb / 44P
[Old version datasheet]   DS125DF410 Low Power Multi-Rate Quad Channel Retimer
DS110DF111 TI1-DS110DF111_14 Datasheet
868Kb / 38P
[Old version datasheet]   Low Power Multi-Rate Two Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com