Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100MB201 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DS100MB201
Description  Dual Lane 2:1/1:2 Mux/Buffer with Equalization
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100MB201 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS100MB201 Datasheet HTML 5Page - Texas Instruments DS100MB201 Datasheet HTML 6Page - Texas Instruments DS100MB201 Datasheet HTML 7Page - Texas Instruments DS100MB201 Datasheet HTML 8Page - Texas Instruments DS100MB201 Datasheet HTML 9Page - Texas Instruments DS100MB201 Datasheet HTML 10Page - Texas Instruments DS100MB201 Datasheet HTML 11Page - Texas Instruments DS100MB201 Datasheet HTML 12Page - Texas Instruments DS100MB201 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
0
50
100
150
200
250
0
10k 20k 30k 40k 50k 60k 70k 80k
SD_TH RESISTOR VALUE (:)
VDD = 2.5V
TA = 25°C
DS100MB201
www.ti.com
SNLS333A – APRIL 2011 – REVISED APRIL 2013
Functional Description
The DS100MB201 is a 2–lane signal conditioning 2:1 multiplexer and 1:2 switch or fan-out buffer optimized for
PCB FR4 trace up to 10.3125 Gbps data rate. The DS100MB201 has direct register access through the SMBus.
The ENSMB pin must be tied high to enable proper operation of the DS100MB201.
Pin Control Mode
The RATE pin must be forced HIGH to enable 10.3125 Gbps operation. The receiver electrical idle detect
threshold is also programmable via an optional external resistor on the SD_TH pin.
SMBUS Register Programming
In SMBus mode the VOD amplitude level and equalization are all programmable on a individual lane basis. On
power-up and when ENSMB is driven low all registers are reset to their default state.
Table 1. Idle Control (3–Level Input)
TXIDLEDO/SO
Function
0
This state is for lossy media, dedicated Idle threshold detect circuit disabled,
output follows input based on EQ settings. Idle state not guaranteed.
Float
Float enables automatic idle detection. Idle on the input is passed to the
output. Internal 50K
Ω resistors hold TXIDLEDO/SO pin at a mid level - don't
connect this pin if the automatic idle detect function is desired. This is the
default state. Output in Idle if differential input signal less than value set by
SD_TH pin.
1
Manual override, output in electrical Idle. Differential inputs are ignored.
Table 2. Receiver Electrical Idle Detect Threshold Adjust
SD_TH resistor value (
Ω)
Receiver Electrical Idle Detect Threshold (DIFF p-p)
Float (no resistor required)
130 mV (default condition)
0
225 mV
80k
20 mV
SD_TH resistor value can be set from 0 through 80k ohms to achieve desired idle detect threshold, see Figure 6
Figure 6. Typical Idle Threshold vs. SD_TH resistor value
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DS100MB201


Similar Part No. - DS100MB201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201SQ TI1-DS100MB201SQ Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201SQE TI1-DS100MB201SQE Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
More results

Similar Description - DS100MB201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
[Old version datasheet]   DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS125MB203 TI1-DS125MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
   3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com