Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100KR401 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS100KR401
Description  Ultra Low Power, 4 Lane (8-channel, bi-directional) Repeater for Data-rates up to 10.3 Gbps
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100KR401 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS100KR401 Datasheet HTML 2Page - Texas Instruments DS100KR401 Datasheet HTML 3Page - Texas Instruments DS100KR401 Datasheet HTML 4Page - Texas Instruments DS100KR401 Datasheet HTML 5Page - Texas Instruments DS100KR401 Datasheet HTML 6Page - Texas Instruments DS100KR401 Datasheet HTML 7Page - Texas Instruments DS100KR401 Datasheet HTML 8Page - Texas Instruments DS100KR401 Datasheet HTML 9Page - Texas Instruments DS100KR401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
DS100KR401
SNLS395B – JANUARY 2012 – REVISED MARCH 2012
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Min
Typ
Max
Units
Supply Voltage (2.5V mode)
2.375
2.5
2.625
V
Supply Voltage (3.3V mode)
3.0
3.3
3.6
V
Ambient Temperature
-40
25
+85
°C
SMBus (SDA, SCL)
3.6
V
Supply Noise up to 50 MHz (1)
100
mVp-p
(1)
Allowed supply noise (mVp-p sine wave) under typical conditions.
ELECTRICAL CHARACTERISTICS
(1)
Symbol
Parameter
Conditions
Min
Typ(2)
Max
Units
Power
PD
Power Dissipation
VDD = 2.5 V supply, EQ Enabled,
500
700
mW
VOD = 1.0 Vp-p, INPUT_EN = 1, RESET = 0
VIN = 3.3 V supply, EQ Enabled,
660
900
mW
VOD = 1.0 Vp-p, INPUT_EN = 1, RESET = 0
LVCMOS / LVTTL DC Specifications
Vih
High Level Input Voltage
3.3V Mode Operation (VIN = 3.3V)
2.0
3.6
V
Vil
Low Level Input Voltage
0
0.8
V
Voh
High Level Output Voltage
Ioh = −4mA
2.0
V
(ALL_DONE pin)
Vol
Low Level Output Voltage
Iol = 4mA
0.4
V
(ALL_DONE pin)
Iih
Input High Current (RESET pin)
VIN = 3.6 V,
-15
+15
uA
LVCMOS = 3.6 V
Input High Current with internal
+20
+150
uA
resistors (4–level input pin)
Iil
Input Low Current (RESET pin)
VIN = 3.6 V, LVCMOS = 0 V
-15
+15
uA
Input Low Current with internal
-160
-40
uA
resistors (4–level input pin)
CML Receiver Inputs (IN_n+, IN_n-)
RLrx-diff
RX package pins plus Si
0.05 GHz - 7.5 GHz
-15
dB
differential return loss
7.5 GHz - 15 GHz
-5
dB
RLrx-cm
Common mode RX return loss
0.05 GHz - 5 GHz
-10
dB
Zrx-dc
RX DC common mode impedance
Tested at VDD = 0
40
50
60
Zrx-diff-dc
RX DC differntial mode impedance Tested at VDD = 0
80
100
120
Vrx-diff-dc
Differential RX peak to peak
Tested at pins
0.6
1.2
V
voltage
Vrx-signal-det-
Signal detect assert level for active SD_TH = F (float), 0101 pattern at 10.3 Gbps
180
mVp-p
diff-pp
data signal
Vrx-idle-det-
Signal detect de-assert level for
SD_TH = F (float), 0101 pattern at 10.3 Gbps
110
mVp-p
diff-pp
electrical idle
High Speed Outputs
Vtx-diff-pp
Output Voltage Differential Swing
Differential measurement with Out_n+ and
OUT_n-, terminated by 50
Ω to GND,
0.8
1.0
1.2
Vp-p
AC-Coupled, VID = 1.0 Vp-p, DEM0 = 1,
DEM1 = 0
Vtx-de-ratio_3.5
TXde-emphasis ratio
VOD = 1.0 Vp-p, DEM0 = 0, DEM1 = R
−3.5
dB
Vtx-de-ratio_6
TX de-emphasis ratio
VOD = 1.0 Vp-p, DEM0 = R, DEM1= R
−6
dB
TTX-HF-DJ-DD
TX Dj > 1.5 MHz
0.15
UI
TTX-HF-DJ-DD
TX RMS jitter < 1.5 MHz
3.0
ps RMS
(1)
The Electrical Characteristics tables list specifications under the listed Recommended Operating Conditions except as otherwise
modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are NOT
guaranteed.
(2)
Typical values represent most likely parametric norms at VDD = 2.5V, TA = 25°C., and at the Recommended Operation Conditions at
the time of product characterization and are NOT guaranteed.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: DS100KR401


Similar Part No. - DS100KR401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100KR401 TI1-DS100KR401 Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power, 4 Lane (8-channel, bi-directional) Repeater for Data-rates up to 10.3 Gbps
DS100KR401SQ TI1-DS100KR401SQ Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power, 4 Lane (8-channel, bi-directional) Repeater for Data-rates up to 10.3 Gbps
DS100KR401SQE TI1-DS100KR401SQE Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power, 4 Lane (8-channel, bi-directional) Repeater for Data-rates up to 10.3 Gbps
More results

Similar Description - DS100KR401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100KR401 TI1-DS100KR401 Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power, 4 Lane (8-channel, bi-directional) Repeater for Data-rates up to 10.3 Gbps
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
[Old version datasheet]   Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
DS100KR800 TI1-DS100KR800_16 Datasheet
6Mb / 52P
[Old version datasheet]   8-Channel Repeater for Data-Rates Up to 10.3 Gbps
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS80PCI810 TI1-DS80PCI810 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power 8 Gbps 8-Channel Linear Repeater
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com