Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5660BRJ-3 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5660BRJ-3
Description  3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5660BRJ-3 Datasheet(HTML) 5 Page - Analog Devices

  AD5660BRJ-3 Datasheet HTML 1Page - Analog Devices AD5660BRJ-3 Datasheet HTML 2Page - Analog Devices AD5660BRJ-3 Datasheet HTML 3Page - Analog Devices AD5660BRJ-3 Datasheet HTML 4Page - Analog Devices AD5660BRJ-3 Datasheet HTML 5Page - Analog Devices AD5660BRJ-3 Datasheet HTML 6Page - Analog Devices AD5660BRJ-3 Datasheet HTML 7Page - Analog Devices AD5660BRJ-3 Datasheet HTML 8Page - Analog Devices AD5660BRJ-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Preliminary Technical Data
AD5660
Rev. PrJ | Page 5 of 20
AD5660X-1–SPECIFICATIONS
VDD = 2.7 V to 3.6 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
A Grade
B Grade
C Grade
Unit
B Version 4
Conditions/Comments
STATIC PERFORMANCE5
Resolution
16
16
16
Bits min
Relative Accuracy
±32
±16
±16
LSB max
See Figure 4
Differential Nonlinearity
±1
±1
±1
LSB max
Guaranteed Monotonic by Design. See Figure 5.
Zero Code Error
+5
+5
+5
mV typ
All Zeroes Loaded to DAC
+20
+20
+20
mV max
Register. See Figure 8.
Full-Scale Error
−0.15
−0.15
−0.15
% of FSR typ
All Ones Loaded to DAC
−1.25
−1.25
−1.25
% of FSR max
Register. See Figure 8.
Gain Error
±1.25
±1.25
±1.25
% of FSR max
Zero Code Error Drift6
±20
±20
±20
µV/°C typ
Gain Temperature Coefficient
±5
±5
±5
ppm typ
of FSR/°C
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
0
V min
VDD
VDD
VDD
V max
Output Voltage Settling Time
8
8
8
µs typ
To ±0.003% FSR 0200H to FD00H
10
10
10
µs max
RL = 2 kΩ; 0 pF<CL<200 pF See Figure 18.
12
12
12
µs typ
RL = 2 kΩ; CL = 500 pF
Slew Rate
1
1
1
V/µs typ
Capacitive Load Stability
470
470
470
pF typ
RL = ∞
1000
1000
1000
pF typ
RL = 2 kΩ
Output Noise
100
100
100
nV/√Hz typ
DAC code = 8400H, 10 kHz
Output Drift
tbd
ppm/°C typ
Digital-to-Analog Glitch Impulse
10
10
10
nV-s typ
1 LSB Change Around Major Carry. See Figure 21.
Digital Feedthrough
0.5
0.5
0.5
nV-s typ
DC Output Impedance
1
1
1
Ω typ
Short Circuit Current
20
20
20
mA typ
VDD = 3 V
Power-Up Time
10
10
10
ms typ
Coming Out of Power-Down Mode. VDD = 3 V
REFERENCE OUTPUT
Output Voltage
AD5660x-1
1.248
1.248
1.248
V min
1.252
1.252
1.252
V max
Reference TC
±25
±25
±10
ppm/°C max
LOGIC INPUTS3
Input Current
±1
±1
±1
µA max
VINL, Input Low Voltage
0.8
0.8
0.8
V max
VDD = 3 V
VINH, Input High Voltage
2
2
2
V min
VDD = 3 V
Pin Capacitance
3
3
3
pF max


Similar Part No. - AD5660BRJ-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5660BRJ-3500RL7 AD-AD5660BRJ-3500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5660BRJ-3REEL7 AD-AD5660BRJ-3REEL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
More results

Similar Description - AD5660BRJ-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5680 AD-AD5680_15 Datasheet
460Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com