Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS100BR111A Datasheet(PDF) 8 Page - Texas Instruments

Part # DS100BR111A
Description  Ultra Low Power 10.3 Gbps 1-Lane Repeaters with Input Equalization and Output De-Emphasis
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS100BR111A Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS100BR111A_15 Datasheet HTML 4Page - Texas Instruments DS100BR111A_15 Datasheet HTML 5Page - Texas Instruments DS100BR111A_15 Datasheet HTML 6Page - Texas Instruments DS100BR111A_15 Datasheet HTML 7Page - Texas Instruments DS100BR111A_15 Datasheet HTML 8Page - Texas Instruments DS100BR111A_15 Datasheet HTML 9Page - Texas Instruments DS100BR111A_15 Datasheet HTML 10Page - Texas Instruments DS100BR111A_15 Datasheet HTML 11Page - Texas Instruments DS100BR111A_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
DS100BR111A
SNLS400D – JANUARY 2012 – REVISED JANUARY 2015
www.ti.com
Electrical Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT+ and OUT- AC coupled and
terminated by 50
Ω to GND
VOD_DE3
De-Emphasis Levels
-9
dB
VOD_SEL = Float (850 mVpp)
DE = HIGH
AC Common Mode Voltage
VCM-AC
Output Common-Mode Voltage
4.5
mV (rms)
DE = 0 dB, VOD
≤ 1000 mVpp
Output DC Common-Mode
DC Common Mode Voltage
VCM-DC
0
1.1
1.9
V
Voltage
VIDLE
TX IDLE Output Voltage
VID = 0 mVp-p
30
mV
SDD22 @ 4.1 GHz
-13
SDD22 @ 11.1 GHz
-9
RLTX-DIFF
TX return loss
dB
SCC22 @ 2.5 GHz
-22
SCC22 @ 11.1 GHz
-10
Transmitter Termination
DC, IFORCE = ± 100 µA
(3)
Delta_ZM
2.5%
Mismatch
TR/F
Transmitter Rise and Fall Time
Measurement points at 20% - 80% (4)
38
ps
Measured at 50% crossing
TPD
Propagation Delay
230
ps
EQ = 0x00
TCCSK
Channel to Channel Skew
T = 25°C, VDD = 2.5 V
7
ps
TPPSK
Part to Part Skew
T = 25°C, VDD = 2.5 V
20
ps
TTX-IDLE-SET-TO- Max time to transition to idle after VIN = 1 Vpp, 10 Gbps
6.5
ns
IDLE
differential signal
EQ = 0x00, DE = 0 dB
TTX-IDLE-TO-
Max time to transition to valid
VIN = 1 Vpp, 10 Gbps
3.2
ns
DIFF-DATA
differential signal after idle
EQ = 0x00, DE = 0 dB
Active OOB timing distortion,
TENV_DISTORT
input active time vs. output active
3.3
ns
time
OUTPUT JITTER SPECIFICATIONS(5)
RJ
Random Jitter
No Media
0.3
ps (rms)
Source Amplitude = 700 mVpp,
PRBS15 pattern,
10.3125 Gbps
DJ1
Deterministic Jitter
0.09
UI
VOD = Default, EQ = minimum,
DE = 0 dB
EQUALIZATION
10.3125 Gbps
8 meter 30AWG Cable on Input
DJE1
Residual Deterministic Jitter
0.23
UI
Source = 700 mVpp, PRBS15 pattern
EQ = 0x2B
10.3125 Gbps
30" 4-mil FR4 on Inputs
DJE2
Residual Deterministic Jitter
0.15
UI
Source = 700 mVpp, PRBS15 pattern
EQ = 0x17
DE-EMPHASIS
10.3125 Gbps
10” 4 mil stripline FR4 on Outputs
DJD1
Residual Deterministic Jitter
Source = 700 mVpp, PRBS15 pattern
0.14
UI
EQ = Min, VOD = 1050 mVpp,
DE = -3.5 dB
(3)
Force ±100 µA on output, measure
ΔV on the Output and calculate impedance. Mismatch is the percentage difference of OUTn+ and
OUTn- impedance driving the same logic state.
(4)
Default VOD used for testing. DE = -1.5 dB level used to compensate for fixture attenuation.
(5)
Typical jitter reported is determined by jitter decomposition software on the DSA8200 Oscilloscope.
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DS100BR111A


Similar Part No. - DS100BR111A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results

Similar Description - DS100BR111A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A Datasheet
3Mb / 35P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR111A TI1-DS100BR111A_14 Datasheet
6Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111 Datasheet
678Kb / 39P
[Old version datasheet]   Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_14 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_13 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS64BR111 TI1-DS64BR111_13 Datasheet
999Kb / 39P
[Old version datasheet]   DS64BR111 Ultra Low Power 6.4 Gbps 2-Channel Repeaters with Input Equalization and Output De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com