Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25CP104A Datasheet(PDF) 11 Page - Texas Instruments

Part # DS25CP104A
Description  3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP104A Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS25CP104A_15 Datasheet HTML 7Page - Texas Instruments DS25CP104A_15 Datasheet HTML 8Page - Texas Instruments DS25CP104A_15 Datasheet HTML 9Page - Texas Instruments DS25CP104A_15 Datasheet HTML 10Page - Texas Instruments DS25CP104A_15 Datasheet HTML 11Page - Texas Instruments DS25CP104A_15 Datasheet HTML 12Page - Texas Instruments DS25CP104A_15 Datasheet HTML 13Page - Texas Instruments DS25CP104A_15 Datasheet HTML 14Page - Texas Instruments DS25CP104A_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
50: MS
50: MS
50: MS
50: MS
L=1"
L=1"
L=1"
L=1"
L = A, B or C
100: Diff.
Stripline
DS25CP104A, DS25CP114
www.ti.com
SNLS305C – AUGUST 2008 – REVISED MARCH 2013
Figure 9. Test Channel Block Diagram
Test Channel Loss Characteristics
The test channel was fabricated with Polyclad PCL-FR-370-Laminate/PCL-FRP-370 Prepreg materials (Dielectric
constant of 3.7 and Loss Tangent of 0.02). The edge coupled differential striplines have the following geometries:
Trace Width (W) = 5 mils, Gap (S) = 5 mils, Height (B) = 16 mils.
Test Channel
Length
Insertion Loss (dB)
(inches)
500 MHz
750 MHz
1000 MHz
1250 MHz
1500 MHz
1560 MHz
A
10
-1.2
-1.7
-2.0
-2.4
-2.7
-2.8
B
20
-2.6
-3.5
-4.1
-4.8
-5.5
-5.6
C
30
-4.3
-5.7
-7.0
-8.2
-9.4
-9.7
D
15
-1.6
-2.2
-2.7
-3.2
-3.7
-3.8
E
30
-3.4
-4.5
-5.6
-6.6
-7.7
-7.9
F
60
-7.8
-10.3
-12.4
-14.5
-16.6
-17.0
Functional Description
The DS25CP104A and DS25CP114 are 3.125 Gbps 4x4 LVDS digital crosspoint switch optimized for high-speed
signal routing and switching over lossy FR-4 printed circuit board backplanes and balanced cables. The
DS25CP104A and DS25CP114 operate in two modes: Pin Mode (EN_smb = 0) and SMBus Mode (EN_smb = 1).
When in the Pin Mode, the switch is fully configurable with external pins. This is possible with two input select
pins per output (e.g. S00 and S01 pins for OUT0). There is also one transmit pre-emphasis (PE) level select pin
per output for switching the PE levels between Medium and Off settings and one receive equalization (EQ) level
select pin per input for switching the EQ levels between Low and Off settings.
In the Pin Mode, feedback from the LOS (Loss Of Signal) monitor circuitry is not available (there is not an LOS
output pin).
When in the SMBus Mode, the full switch configuration, four levels of transmit pre-emphasis (Off, Low, Medium
and High), four levels of receive equalization (Off, Low, Medium and High) and SoftPWDN can be programmed
via the SMBus interface. In addition, by using the SMBus interface, a user can obtain the feedback from the built-
in LOS circuitry which detects an open inputs fault condition.
In the SMBus Mode, the S00 and S01 pins become SMBus clock (SCL) input and data (SDA) input pins
respectively; the S10, S11, S21 and S21 pins become the User-Set SMBus Slave Address input pins (ADDR0, 1,
2 and 3) while the S30 and S31 pins become non-functional (tieing these two pins to either H or L is
recommended if the device will function only in the SMBus mode).
In the SMBus Mode, the PE and EQ select pins as well as the PWDN pin remain functional. How these pins
function in each mode is explained in the following sections.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS25CP104A DS25CP114


Similar Part No. - DS25CP104A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A_14 Datasheet
972Kb / 30P
[Old version datasheet]   DS25CP104A / DS25CP114 3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25CP104A_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104_0711 NSC-DS25CP104_0711 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104 NSC-DS25CP104 Datasheet
538Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A_14 Datasheet
972Kb / 30P
[Old version datasheet]   DS25CP104A / DS25CP114 3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com