Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF10N60C Datasheet(PDF) 7 Page - Thinki Semiconductor Co., Ltd.

Part # TSF10N60C
Description  10.3A,600V Insulated N-Channel Type Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

TSF10N60C Datasheet(HTML) 7 Page - Thinki Semiconductor Co., Ltd.

  TSF10N60C Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. TSF10N60C Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. TSF10N60C Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. TSF10N60C Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. TSF10N60C Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. TSF10N60C Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd. TSF10N60C Datasheet HTML 7Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
S controlled by pulse period
VDD
LL
I S
I S
Fig. 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
10V
VGS
( Driver )
I S
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
Vf
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
10V
VGS
( Driver )
I S
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
Vf
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
®
TSF10N60C
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 7/7
Rev.05


Similar Part No. - TSF10N60C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSF10N65M VBSEMI-TSF10N65M Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSF10N65M DOINGTER-TSF10N65M Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - TSF10N60C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
TSP10N60C THINKISEMI-TSP10N60C Datasheet
1,001Kb / 7P
   10.3A,600V Heatsink N-Channel Type Power MOSFET
TSF10N70C THINKISEMI-TSF10N70C Datasheet
1Mb / 4P
   10A,700V Insulated N-Channel Type Power MOSFET
TSF9N50C THINKISEMI-TSF9N50C Datasheet
830Kb / 6P
   8.8A,500V Insulated N-Channel Type Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com