Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR400 Datasheet(PDF) 5 Page - Texas Instruments

Part # DS25BR400
Description  Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR400 Datasheet(HTML) 5 Page - Texas Instruments

  DS25BR400_14 Datasheet HTML 1Page - Texas Instruments DS25BR400_14 Datasheet HTML 2Page - Texas Instruments DS25BR400_14 Datasheet HTML 3Page - Texas Instruments DS25BR400_14 Datasheet HTML 4Page - Texas Instruments DS25BR400_14 Datasheet HTML 5Page - Texas Instruments DS25BR400_14 Datasheet HTML 6Page - Texas Instruments DS25BR400_14 Datasheet HTML 7Page - Texas Instruments DS25BR400_14 Datasheet HTML 8Page - Texas Instruments DS25BR400_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS25BR400
www.ti.com
SNLS230I – MAY 2006 – REVISED FEBRUARY 2013
To compensate for the high frequency losses incurred during signal transmission in cables and backplanes the
DS25BR400 employs input and output signal conditioning. Each input stage has a fixed equalizer and all output
drivers have four selectable steps of de-emphasis to reduce deterministic jitter on the serial link. All the CML
output drivers have 50
Ω termination to VCC. All receiver inputs are internally terminated with differential 100Ω
impedance.
Table 2. Logic Table for Loopback Controls
LB0
Loopback Function
0
Enable loopback from IB_0± to OA_0±.
1 (default)
Normal mode. Loopback disabled.
LB1
Loopback Function
0
Enable loopback from IB_1± to OA_1±.
1 (default)
Normal mode. Loopback disabled.
LB2
Loopback Function
0
Enable loopback from IB_2± to OA_2±.
1 (default)
Normal mode. Loopback disabled.
LB3
Loopback Function
0
Enable loopback from IB_3± to OA_3±.
1 (default)
Normal mode. Loopback disabled.
Table 3. De-Emphasis Controls
De-Emphasis Level in mVPP
PreA_[1:0]
Default VOD Level in mVPP (VODB)
De-Emphasis in dB (VODPE/VODB)
(VODPE)
0 0
1200
1200
0
0 1
1200
850
−3
1 0
1200
600
−6
1 1 (Default)
1200
426
−9
De-Emphasis Level in mVPP
PreB_[1:0]
Default VOD Level in mVPP (VODB)
De-Emphasis in dB (VODPE/VODB)
(VODPE)
0 0
1200
1200
0
0 1
1200
850
−3
1 0
1200
600
−6
1 1 (Default)
1200
426
−9
Output De-Emphasis
De-emphasis is the conditioning function for use in compensating against backplane transmission loss. The
DS25BR400 provides four steps of de-emphasis ranging from 0,
−3, −6 and −9 dB, user-selectable dependent
on the loss profile of the backplane. Figure 2 shows a driver de-emphasis waveform. The de-emphasis duration
is nominal 200 ps, corresponding to 50% bit-width at 2.5 Gbps. The de-emphasis levels of switch-side and line-
side can be individually programmed.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS25BR400


Similar Part No. - DS25BR400_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR400TSQ NSC-DS25BR400TSQ Datasheet
579Kb / 12P
   Quad Transceiver with Input Equalization and Output De-Emphasis
DS25BR400TSQ NSC-DS25BR400TSQ Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
More results

Similar Description - DS25BR400_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR400 NSC-DS25BR400_08 Datasheet
298Kb / 14P
   Quad 2.5 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42BR400 TI1-DS42BR400_17 Datasheet
817Kb / 18P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42BR400 NSC-DS42BR400_07 Datasheet
284Kb / 12P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 NSC-DS42BR400_08 Datasheet
299Kb / 14P
   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42BR400 TI1-DS42BR400_14 Datasheet
828Kb / 16P
[Old version datasheet]   Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
DS42BR400 TI1-DS42BR400_15 Datasheet
822Kb / 18P
[Old version datasheet]   DS42BR400 Quad 4.25 Gbps CML Transceiver with Transmit De-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
   2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
   4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com