Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR110 Datasheet(PDF) 8 Page - Texas Instruments

Part # DS25BR110
Description  3.125 Gbps LVDS Buffer with Receive Equalization
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS25BR110_13 Datasheet HTML 4Page - Texas Instruments DS25BR110_13 Datasheet HTML 5Page - Texas Instruments DS25BR110_13 Datasheet HTML 6Page - Texas Instruments DS25BR110_13 Datasheet HTML 7Page - Texas Instruments DS25BR110_13 Datasheet HTML 8Page - Texas Instruments DS25BR110_13 Datasheet HTML 9Page - Texas Instruments DS25BR110_13 Datasheet HTML 10Page - Texas Instruments DS25BR110_13 Datasheet HTML 11Page - Texas Instruments DS25BR110_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
OUT+
OUT-
DS25BR110
IN+
IN-
100: Differential T-Line
LVDS
L=1"
L=1"
L=1"
L=1"
L = A, B or C
100: Differential
Stripline
50:
Microstrip
50:
Microstrip
50:
Microstrip
50:
Microstrip
DS25BR110
SNLS255E – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Figure 6. Test Channel Description
Test Channel Loss Characteristics
The test channel was fabricated with Polyclad PCL-FR-370-Laminate/PCL-FRP-370 Prepreg materials (Dielectric
constant of 3.7 and Loss Tangent of 0.02). The edge coupled differential striplines have the following geometries:
Trace Width (W) = 5 mils, Gap (S) = 5 mils, Height (B) = 16 mils.
Insertion Loss (dB)
Length
Test Channel
(inches)
500 MHz
750 MHz
1000 MHz
1250 MHz
1500 MHz
1560 MHz
A
10
-1.2
-1.7
-2.0
-2.4
-2.7
-2.8
B
20
-2.6
-3.5
-4.1
-4.8
-5.5
-5.6
C
30
-4.3
-5.7
-7.0
-8.2
-9.4
-9.7
D
15
-1.6
-2.2
-2.7
-3.2
-3.7
-3.8
E
30
-3.4
-4.5
-5.6
-6.6
-7.7
-7.9
F
60
-7.8
-10.3
-12.4
-14.5
-16.6
-17.0
Device Operation
INPUT INTERFACING
The DS25BR110 accepts differential signals and allows simple AC or DC coupling. With a wide common mode
range, the DS25BR110 can be DC-coupled with all common differential drivers (i.e., LVPECL, LVDS, CML). The
following three figures illustrate typical DC-coupled interface to common differential drivers. Note that the
DS25BR110 inputs are internally terminated with a 100
Ω resistor.
Figure 7. Typical LVDS Driver DC-Coupled Interface to DS25BR110 Input
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS25BR110


Similar Part No. - DS25BR110_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR110TSD NSC-DS25BR110TSD Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR110TSD NSC-DS25BR110TSD Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR110TSD NSC-DS25BR110TSD Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR110TSD NSC-DS25BR110TSD Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
More results

Similar Description - DS25BR110_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com