Electronic Components Datasheet Search |
|
P6KE82CA Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
P6KE82CA Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 5 page 1 of 5 AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR POWER: 600Wa t t s VOLTAGE RANGE: 6.8 - 440V P6KE6.8A(CA)-P6KE440A(CA) Classification Rating 94V-O Features Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Plastic Case Material has UL Flammability Mechanical Data Case: JEDEC DO-15 Low Profile Molded Plastic Terminals: Axial Leads, Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band or Cathode Notch Weight: 0.40 grams (approx.) Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Characteristic Symbol Value Unit Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3 PPPM 600 Minimum W Peak Forward Surge Current (Note 3) IFSM 100 A Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1 IPPM See Table 1 A Steady State Power Dissipation (Note 2, 4) PM(AV) 5.0 W Operating and Storage Temperature Range Tj, TSTG -65 to +175 °C Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4. 2. Mounted on 40mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75°C = TL . 5. Peak pulse power waveform is 10/1000µS. ! ! ! ! ! ! www.sunmate.tw ! ! ! A A B C D DO-15 Dim Min Max A 25.40 — B 5.50 7.62 C 0.686 0.889 D 2.60 3.60 All Dimensions in mm |
Similar Part No. - P6KE82CA |
|
Similar Description - P6KE82CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |